Electronic Components Datasheet Search
  English  ▼

X  

TMP117 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TMP117
Description  High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP117 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TMP117 Datasheet HTML 13Page - Texas Instruments TMP117 Datasheet HTML 14Page - Texas Instruments TMP117 Datasheet HTML 15Page - Texas Instruments TMP117 Datasheet HTML 16Page - Texas Instruments TMP117 Datasheet HTML 17Page - Texas Instruments TMP117 Datasheet HTML 18Page - Texas Instruments TMP117 Datasheet HTML 19Page - Texas Instruments TMP117 Datasheet HTML 20Page - Texas Instruments TMP117 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 45 page
background image
I/O
Control
Interface
SCL
SDA
Temperature
Register
Configuration
Register
T
LOW
Register
EEPROM1 to 4
Pointer
Register
T
HIGH
Register
17
TMP117
www.ti.com
SNOSD82 – JUNE 2018
Product Folder Links: TMP117
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Programming (continued)
7.5.2 Pointer Register
Figure 20 shows the internal register structure of the TMP117. The 8-bit pointer register of the device is used to
address a given data register. The power-up reset value is 00. By default, the TMP117 reads the temperature on
power-up.
Figure 20. Internal Register Structures
7.5.3 I2C and SMBus Interface
7.5.3.1 Serial Interface
The TMP117 operates as a slave device only on the two-wire, SMBus and I2C interface-compatible bus.
Connections to the bus are made through the open-drain I/O lines and the SDA and SCL pins. The SDA and
SCL pins feature integrated spike-suppression filters and Schmitt triggers to minimize the effects of input spikes
and bus noise. The device supports the transmission protocol for fast (1 kHz to 400 kHz) mode. Register bytes
are sent with the most significant byte first, followed by the least significant byte.
7.5.3.1.1
Bus Overview
The device that initiates the transfer is called a master, and the devices controlled by the master are slaves. The
bus must be controlled by a master device that generates the serial clock (SCL), controls the bus access, and
generates the START and STOP conditions.
To address a specific device, a START condition is initiated, indicated by pulling the data line (SDA) from a high-
to low-logic level when the SCL pin is high. All slaves on the bus shift in the slave address byte on the rising
edge of the clock, and the last bit indicates whether a read or write operation is intended. During the ninth clock
pulse, the addressed slave generates an acknowledge and pulls the SDA pin low to respond to the master.
A data transfer is then initiated and sent over eight clock pulses followed by an acknowledge bit. During the data
transfer, the SDA pin must remain stable when the SCL pin is high because any change in the SDA pin when the
SCL pin is high is interpreted as a START or STOP signal.
When all data are transferred, the master generates a repeated START or STOP condition indicated by pulling
the SDA pin from low to high when the SCL pin is high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com