Electronic Components Datasheet Search
  English  ▼

X  

TMP117 Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # TMP117
Description  High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP117 Datasheet(HTML) 34 Page - Texas Instruments

Back Button TMP117 Datasheet HTML 30Page - Texas Instruments TMP117 Datasheet HTML 31Page - Texas Instruments TMP117 Datasheet HTML 32Page - Texas Instruments TMP117 Datasheet HTML 33Page - Texas Instruments TMP117 Datasheet HTML 34Page - Texas Instruments TMP117 Datasheet HTML 35Page - Texas Instruments TMP117 Datasheet HTML 36Page - Texas Instruments TMP117 Datasheet HTML 37Page - Texas Instruments TMP117 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 45 page
background image
34
TMP117
SNOSD82 – JUNE 2018
www.ti.com
Product Folder Links: TMP117
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Application Information (continued)
The following methods can reduce the SHE:
•
System calibration removes not only the self-heating error and power-supply rejection ratio (PSRR) effect but
also compensates the temperature shift caused by the thermal resistance between the device and the
measured object.
•
If practical, use the device one-shot mode. If continuous conversion is needed, use the conversion cycle
mode with significant standby time. For example, in most cases an 8-sample averaging (125 ms) with a 1-
second conversion cycle provides enough time for the device to cool down to the environment temperature
and removes the SHE.
•
Use the minimal acceptable power supply voltage.
•
Use a printed-circuit board (PCB) layout that provides minimal thermal resistance to the device.
•
Avoid using small-value pullup resistors on the SDA and ALERT pins. Instead, use pullup resistors larger than
2 kΩ.
•
Ensure that the SCL and SDA signal levels remain below 10% or above 90% of the device supply voltage.
•
Avoid heavy bypass traffic on the data line. Communication to other devices on the same data line increases
the supply current even if the device is in SD mode.
•
Use the highest available communication speed.
8.1.1.2.4
Synchronized Temperature Measurements
When four temperature measurements are needed in four different places simultaneously, triggering a reset is
recommended. In this method, four devices are programed with control registers set to CC mode with a
conversion cycle time of 16 s. All four devices are connected to same two-wire bus with four different bus
addresses. The bus general-call reset command is issued by the master. This command triggers all devices to
reset (which takes approximately 1.5 ms) and triggers a simultaneous temperature sampling according to
configuration registers setting. The master has 16 seconds to read data from the devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com