Electronic Components Datasheet Search
  English  ▼

X  

TMP117 Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # TMP117
Description  High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP117 Datasheet(HTML) 31 Page - Texas Instruments

Back Button TMP117 Datasheet HTML 27Page - Texas Instruments TMP117 Datasheet HTML 28Page - Texas Instruments TMP117 Datasheet HTML 29Page - Texas Instruments TMP117 Datasheet HTML 30Page - Texas Instruments TMP117 Datasheet HTML 31Page - Texas Instruments TMP117 Datasheet HTML 32Page - Texas Instruments TMP117 Datasheet HTML 33Page - Texas Instruments TMP117 Datasheet HTML 34Page - Texas Instruments TMP117 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 45 page
background image
5 k
5 k
5 k
TMP117
SDA
SCL
V+
GND
ADD0
ALERT
1
2
3
4
5
6
2-Wire Interface SMBus,
I²C Compatible Controller
SCL
SDA
INT
GND
1.9 V to
3.6 V
0.1 …F
GND
Copyright © 2017, Texas Instruments Incorporated
31
TMP117
www.ti.com
SNOSD82 – JUNE 2018
Product Folder Links: TMP117
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The TMP117 is used to measure the temperature of the board location where the device is mounted. The
programmable address options allow up to four locations on the board to be monitored on a single serial bus. For
more information, refer to the related TMP116 Ambient Air Temperature Measurement (SNOA966), Replacing
Resistance Temperature Detectors with the TMP116 Temp Sensor (SNOA969), and Temperature Sensors: PCB
Guidelines for Surface Mount Devices (SNOA967) application reports on ti.com.
8.1.1 Typical Application
NOTE: The SDA and ALERT pins require pullup resistors.
Figure 36. Typical Connections
8.1.1.1 Design Requirements
The TMP117 operates only as a slave device and communicates with the host through the I2C-compatible serial
interface. SCL is the input pin, SDA is a bidirectional pin, and ALERT is the output. The TMP117 requires a
pullup resistor on the SCL, SDA, and ALERT pins. The recommended value for the pullup resistors is 5 kΩ. In
some applications the pullup resistor can be lower or higher than 5 kΩ. A 0.1-µF bypass capacitor is
recommended to be connected between V+ and GND. An SCL pullup resistor is required if the system
microprocessor SCL pin is open-drain. Use a ceramic capacitor type with a temperature rating from –40°C to
+125°C, placed as close as possible to the V+ pin of the TMP117. The decoupling capacitor reduces any noise
induced by the system. When connected directly to GND, V+, SDA, and SCL, use the ADD0 pin for address
selection for configuring four possible unique slave ID addresses. Table 1 explains the addressing scheme. The
ALERT output pin can be connected to a microcontroller interrupt that triggers an event that occurred when the
temperature limit exceeds the programmable value in registers 02h and 03h. The ALERT pin can be left floating
if not in use or connected to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com