Electronic Components Datasheet Search
  English  ▼

X  

TMP117 Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # TMP117
Description  High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP117 Datasheet(HTML) 35 Page - Texas Instruments

Back Button TMP117 Datasheet HTML 31Page - Texas Instruments TMP117 Datasheet HTML 32Page - Texas Instruments TMP117 Datasheet HTML 33Page - Texas Instruments TMP117 Datasheet HTML 34Page - Texas Instruments TMP117 Datasheet HTML 35Page - Texas Instruments TMP117 Datasheet HTML 36Page - Texas Instruments TMP117 Datasheet HTML 37Page - Texas Instruments TMP117 Datasheet HTML 38Page - Texas Instruments TMP117 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 45 page
background image
Time (seconds)
0.001
0.01
0.1
1
1015
-20
-10
0
10
20
30
40
50
60
70
80
90
100
110
120
Stirred Oil
Moving Air
Still Air
35
TMP117
www.ti.com
SNOSD82 – JUNE 2018
Product Folder Links: TMP117
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Application Information (continued)
8.1.1.3 Application Curve
Figure 40 shows how fast the TMP117 reacts to changes in temperature. Two elements must be considered
when conducting the thermal responses experiment: the thermal conductivity and thermal mass. Thermal
conductivity is the measure of the capacity of a material (such as still air or stirred oil) to conduct heat. Thermal
conductivity is mainly used to describe how heat is conducted through a material. Higher values reflect greater
efficiency of transferring heat. A good layout technique is to keep the thermal mass as small as possible. Smaller
thermal masses result in better thermal responses.
The purpose of these experiments is to investigate how much time is required for the TMP117 temperature to
reach the set point temperature and stabilize. There are three types of tests for the thermal response: still air,
moving air, and stirred oil, as shown in Figure 40. This figure shows the step response of the TMP117 enclosed
in a chamber of still air, in a wind tunnel of moving air, and submerged in an oil bath (for the respective traces) in
a temperature environment of 70°C from room temperature (23°C). The time-constant, or the time for the output
to reach 63% of the input step is dependent on the type of test. The time-constant result depends on the PCB
and the thickness of the board that the TMP117 is mounted to. For this test, the TMP117EVM is used to perform
the thermal response. The TMP117EVM dimension is 7.6 mm × 17.8 mm with a 1-mm thickness.
Among all methods, still air has the slowest thermal response because of the enclosed box placed inside the
oven chamber without any helping elements, whereas the stirred oil experiment yields the fastest thermal
response time.
V+ = 3.3 V, tINITIAL = 23°C, tFINAL = 70°C
Figure 40. Thermal Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com