Electronic Components Datasheet Search
  English  ▼

X  

TMP117 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TMP117
Description  High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP117 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMP117 Datasheet HTML 5Page - Texas Instruments TMP117 Datasheet HTML 6Page - Texas Instruments TMP117 Datasheet HTML 7Page - Texas Instruments TMP117 Datasheet HTML 8Page - Texas Instruments TMP117 Datasheet HTML 9Page - Texas Instruments TMP117 Datasheet HTML 10Page - Texas Instruments TMP117 Datasheet HTML 11Page - Texas Instruments TMP117 Datasheet HTML 12Page - Texas Instruments TMP117 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 45 page
background image
ADC
Oscillator
Register
Bank
Serial
Interface
Control
Logic
ADD0
SCL
SDA
GND
V+
ALERT
Copyright © 2017, Texas Instruments Incorporated
EEPROM
Temperature
Sensor
Circuitry
Internal
Thermal
BJT
9
TMP117
www.ti.com
SNOSD82 – JUNE 2018
Product Folder Links: TMP117
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The TMP117 is a digital output temperature sensor that is optimal for thermal-management and thermal-
protection applications. The TMP117 is two-wire, SMBus, and I2C interface-compatible. The device is specified
over an operating temperature range of –55°C to +125°C. Figure 13 shows a block diagram of the TMP117.
7.2 Functional Block Diagrams
Figure 13. Internal Block Diagram
7.3 Feature Description
7.3.1 Power Up
After the supply voltage reaches within the operating range, the device requires 1.5 ms to power up before
conversions begin. The device can be programmed to start up in shutdown mode as well. See the EEPROM
Programming section for more information. The temperature register reads –256°C before the first conversion.
7.3.2 Temperature Result and Limits
At the end of every conversion, the device updates the temperature register with the conversion result. The data
reading in the result register is in two's complement format, has a data width of 16 bits, and a resolution of
7.8125 m°C. Table 1 shows multiple examples of possible binary data that can be read from the temperature
result register and the corresponding hexadecimal and decimal equivalents.
The TMP117 also has alert status flags and alert pin functionality that use the temperature limits stored in the low
limit register and high limit register. The same data format used for the temperature result register can be used
for data that are written to the high and low limit registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com