Electronic Components Datasheet Search
  English  ▼

X  

TMP117 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TMP117
Description  High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP117 Datasheet(HTML) 4 Page - Texas Instruments

  TMP117 Datasheet HTML 1Page - Texas Instruments TMP117 Datasheet HTML 2Page - Texas Instruments TMP117 Datasheet HTML 3Page - Texas Instruments TMP117 Datasheet HTML 4Page - Texas Instruments TMP117 Datasheet HTML 5Page - Texas Instruments TMP117 Datasheet HTML 6Page - Texas Instruments TMP117 Datasheet HTML 7Page - Texas Instruments TMP117 Datasheet HTML 8Page - Texas Instruments TMP117 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 45 page
background image
4
TMP117
SNOSD82 – JUNE 2018
www.ti.com
Product Folder Links: TMP117
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
6 Specifications
6.1 Absolute Maximum Ratings
MIN
MAX
UNIT
Supply voltage
V+
–0.3
6
V
Voltage at
SCL, SDA, ALERT and ADD0
–0.3
6
V
Operating junction temperature, TJ
–55
150
°C
Storage temperature, Tstg
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-
C101(2)
±1000
6.3 Recommended Operating Conditions
MIN
NOM
MAX
UNIT
V+
Supply voltage
1.8
3.3
5.5
V
TA
Operating free-air temperature
–55
150
°C
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
6.4 Thermal Information
THERMAL METRIC(1)
TMP116
UNIT
DRV (WSON)
6 PINS
RθJA
Junction-to-ambient thermal resistance
68.7
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
70.3
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
9.5
°C/W
RθJB
Junction-to-board thermal resistance
38.3
°C/W
ψJT
Junction-to-top characterization parameter
1.7
°C/W
ψJB
Junction-to-board characterization parameter
38.6
°C/W
(1)
V+ = 3.3 V, 8 Averages, 1Hz sampling
(2)
Repeatability is the ability to reproduce a reading when the measured temperature is applied consecutively, under the same conditions.
(3)
Long term stability is determined using accelerated operational life testing at a junction temperature of 150°C.
6.5 Electrical Characteristics
minimum and maximum specifications are over -55°C to 150°C and V+ = 1.8 V to 5.5 V (unless otherwise noted); typical
specifications are at TA = 25°C and V+ = 3.3 V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TEMPERATURE TO DIGITAL CONVERTER
Temperature
accuracy(1)
TMP117M
30°C to 45°C
-0.1
±0.05
0.1
°C
0°C to 85°C
-0.2
±0.1
0.2
TMP117
25°C to 50°C
-0.1
±0.05
0.1
-55°C to 150°C
-0.2
±0.1
0.2
TMP117N
-55°C to 150°C
-0.2
±0.1
0.2
DC power supply sensitivity
One-shot mode, 8 Averages, TA = +25°C
10
m°C/V
Temperature resolution (LSB)
7.8125
m°C
Repeatability(2)
(1)
±1
LSB
Long-term stability and drift
300 hours at 150°C(3)
±0.02
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com