Electronic Components Datasheet Search
  English  ▼

X  

TMP117 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TMP117
Description  High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP117 Datasheet(HTML) 3 Page - Texas Instruments

  TMP117 Datasheet HTML 1Page - Texas Instruments TMP117 Datasheet HTML 2Page - Texas Instruments TMP117 Datasheet HTML 3Page - Texas Instruments TMP117 Datasheet HTML 4Page - Texas Instruments TMP117 Datasheet HTML 5Page - Texas Instruments TMP117 Datasheet HTML 6Page - Texas Instruments TMP117 Datasheet HTML 7Page - Texas Instruments TMP117 Datasheet HTML 8Page - Texas Instruments TMP117 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 45 page
background image
1
2
A
B
C
Not to scale
SDA
SCL
V+
GND
ADD0
ALERT
SDA
V+
ADD0
6
5
4
SCL
GND
ALERT
1
2
3
Thermal
Pad
3
TMP117
www.ti.com
SNOSD82 – JUNE 2018
Product Folder Links: TMP117
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
5 Pin Configuration and Functions
DRV Package
6-Pin WSON
Top View
YFF Package
6-Pin DSBGA
Top View
Pin Functions
PIN
TYPE
DESCRIPTION
NAME
WSON
DSBGA
ADD0
4
C1
I
Address select. Connect to GND, V+, SDA, or SCL.
ALERT
3
C2
O
Overtemperature alert or data-ready signal. Open-drain output; requires a pullup resistor.
GND
2
B2
—
Ground
SCL
1
A2
I
Serial clock
SDA
6
A1
I/O
Serial data. Open-drain output; requires a pullup resistor.
V+
5
B1
I
Supply voltage: 1.8 V to 5.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com