Electronic Components Datasheet Search
  English  ▼

X  

TMP117 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # TMP117
Description  High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP117 Datasheet(HTML) 25 Page - Texas Instruments

Back Button TMP117 Datasheet HTML 21Page - Texas Instruments TMP117 Datasheet HTML 22Page - Texas Instruments TMP117 Datasheet HTML 23Page - Texas Instruments TMP117 Datasheet HTML 24Page - Texas Instruments TMP117 Datasheet HTML 25Page - Texas Instruments TMP117 Datasheet HTML 26Page - Texas Instruments TMP117 Datasheet HTML 27Page - Texas Instruments TMP117 Datasheet HTML 28Page - Texas Instruments TMP117 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 45 page
background image
25
TMP117
www.ti.com
SNOSD82 – JUNE 2018
Product Folder Links: TMP117
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Table 7. Conversion Cycle Time in CC Mode
CONV[2:0]
AVG[1:0] = 00
AVG[1:0] = 01
000
15.5 ms
125 ms
001
125 ms
125 ms
010
250 ms
250 ms
011
500 ms
500 ms
100
1 s
1 s
101
4 s
4 s
110
8 s
8 s
111
16 s
16 s
Table 8. AVG Bit Settings
AVG1
AVG0
DESCRIPTION
0
0
No averaging,15.5-ms active conversion time
0
1
8 averages, 125-ms active conversion time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com