Electronic Components Datasheet Search
  English  ▼

X  

TMP117 Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # TMP117
Description  High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP117 Datasheet(HTML) 36 Page - Texas Instruments

Back Button TMP117 Datasheet HTML 32Page - Texas Instruments TMP117 Datasheet HTML 33Page - Texas Instruments TMP117 Datasheet HTML 34Page - Texas Instruments TMP117 Datasheet HTML 35Page - Texas Instruments TMP117 Datasheet HTML 36Page - Texas Instruments TMP117 Datasheet HTML 37Page - Texas Instruments TMP117 Datasheet HTML 38Page - Texas Instruments TMP117 Datasheet HTML 39Page - Texas Instruments TMP117 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 45 page
background image
TI Device
SCL
SDA
GND
V+
ALERT
ADD0
C
F
100 nF
≥
0.5 kΩ
1.9 V to 3.6 V
Copyright © 2017, Texas Instruments Incorporated
36
TMP117
SNOSD82 – JUNE 2018
www.ti.com
Product Folder Links: TMP117
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
9 Power Supply Recommendations
The TMP117 operates on a power-supply range from 1.9 V to 5.5 V. The device is trimmed for operation at a
3.3-V supply, but can measure temperature accurately in the full supply range. A power-supply bypass capacitor
is required, which must be placed as close to the supply and ground pins of the device as possible. A typical
value for this supply bypass capacitor is 100 nF. Applications with noisy or high-impedance power supplies may
require additional decoupling capacitors to reject power-supply noise.
The TMP117 is a very low-power device that generates low noise on the supply bus. The user can apply an RC
filter to the V+ pin of the device to further reduce noise that the TMP117 might propagate to other components.
RF in Figure 41 must be less than 0.5 kΩ and CF must be at least 100 nF. The package thermal pad is not
connected to the device ground and can be left floating for convenience or grounded for better thermal
resistance.
Figure 41. Noise-Reduction Techniques
10 Layout
10.1 Layout Guidelines
NOTE
To achieve a high-precision temperature reading for a rigid PCB, do not solder down the
thermal pad. For a flexible PCB, the user can solder the thermal pad to increase board
level reliability.
For more information on board layout, refer to the related Precise Temperature Measurements With TMP116
(SNOA986) and Wearable Temperature Sensing Layout Considerations Optimized for Thermal Response
(SNIA021) application reports on ti.com.
Place the power-supply bypass capacitor as close as possible to the supply and ground pins. The recommended
value of this bypass capacitor is 0.1 μF. Additional decoupling capacitance can be added to compensate for
noisy or high-impedance power supplies. In some cases, the pullup resistor can be the heat source, therefore,
maintain some distance between the resistor and the device. Mount the TMP117 on the PCB pad to provide the
minimum thermal resistance to the measured object surface or to the surrounding air. The recommended PCB
layout minimizes the device self-heating effect, reduces the time delay as temperature changes, and minimizes
the temperature offset between the device and the object.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com