Electronic Components Datasheet Search
  English  ▼

X  

TMP117 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # TMP117
Description  High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP117 Datasheet(HTML) 32 Page - Texas Instruments

Back Button TMP117 Datasheet HTML 28Page - Texas Instruments TMP117 Datasheet HTML 29Page - Texas Instruments TMP117 Datasheet HTML 30Page - Texas Instruments TMP117 Datasheet HTML 31Page - Texas Instruments TMP117 Datasheet HTML 32Page - Texas Instruments TMP117 Datasheet HTML 33Page - Texas Instruments TMP117 Datasheet HTML 34Page - Texas Instruments TMP117 Datasheet HTML 35Page - Texas Instruments TMP117 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 45 page
background image
Die
Package
Pin
Bond Wire
Epoxy
Exposed Pad
.
Heat Flow
32
TMP117
SNOSD82 – JUNE 2018
www.ti.com
Product Folder Links: TMP117
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Application Information (continued)
8.1.1.2 Detailed Design Procedure
8.1.1.2.1
TMP117 Design Procedure
The TMP117 is a local temperature sensor. Measuring a temperature point with a surface-mount device is very
challenging because of the external influence of surrounding air and other components. The TMP117 mainly
monitors the PCB temperature at the desired hotspot. To maintain accuracy in applications that requires surface
temperature measurement, follow good layout techniques (such as understanding the dominant thermal path,
isolating the island surround by the package, and keeping the distance as far as possible from the heat source).
For sensors in plastic packages (such as the TMP117 DFN device), Figure 37 shows that the die attach pad
(DAP) provides the most dominant thermal path. With the DAP, a board-mounted sensor usually does an
excellent job of measuring board temperature. The die sits on top of the metal plate leadframe with a non-
conductive die adhesive in between, allowing for a fast thermal response.
Figure 37. WSON Package Cross Section
Most power-hungry electronic components such as processor chips, field programmable gate arrays (FPGAs),
application-specific integrated circuits (ASICs), and voltage regulators heat up during operation. In order to
accurately measure the ambient temperature of a sensor in a plastic package, isolate the sensor from the heat
source using isolation island techniques and distance. TI recommends two vias per TMP117 dimension of the
thermal pad. The DAP and two vias help improve thermal characteristics. Thus, in order to take advantage of this
feature, mount the TMP117 on the board with the two copper planes on the top and bottom of the via of equal
length as the exposed die attach dimension. The bottom plane contains the temperature sensing elements. In
order to achieve the fast temperature response, the mini board dimension must be enough to accommodate the
TMP117 and the bypass capacitor with the isolation air gap to prevent the heat source dissipated to the mini sub-
board.
8.1.1.2.2
Noise and Averaging
The device temperature sampling distribution (without internal averaging) covers an area of approximately six
neighboring codes. The noise area of the six codes remains the same at full supply and full temperature range
with a standard deviation of approximately 1 LSB. The device provides an averaging tool for 8, 32, and 64
samples. As illustrated in , even the 8-sample averaging reduces the internal noise distribution to a theoretical
minimum of 2 LSB. This averaging means that if the system temperature slowly changes and the supply voltage
is stable, then the 8-sample averaging can be enough to neutralize the device noise and provide stable
temperature readings. However, if the system temperature is noisy (such as when measuring air flow
temperatures), than higher averaging numbers are recommended to be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com