Electronic Components Datasheet Search
  English  ▼

X  

TMP117 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TMP117
Description  High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP117 Datasheet(HTML) 5 Page - Texas Instruments

  TMP117 Datasheet HTML 1Page - Texas Instruments TMP117 Datasheet HTML 2Page - Texas Instruments TMP117 Datasheet HTML 3Page - Texas Instruments TMP117 Datasheet HTML 4Page - Texas Instruments TMP117 Datasheet HTML 5Page - Texas Instruments TMP117 Datasheet HTML 6Page - Texas Instruments TMP117 Datasheet HTML 7Page - Texas Instruments TMP117 Datasheet HTML 8Page - Texas Instruments TMP117 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 45 page
background image
5
TMP117
www.ti.com
SNOSD82 – JUNE 2018
Product Folder Links: TMP117
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Electrical Characteristics (continued)
minimum and maximum specifications are over -55°C to 150°C and V+ = 1.8 V to 5.5 V (unless otherwise noted); typical
specifications are at TA = 25°C and V+ = 3.3 V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(4)
Hysteresis is defined as the ability to reproduce a temperature reading as the temperature varies from room
→ hot
→room→cold→room. The temperatures used for this test are -40°C, 25°C, and 150°C.
(5)
Quiescent current between conversions
Temperature cycling and
hysteresis(4)
8 Averages
±1
LSB
DIGITAL INPUT/OUTPUT
Input capacitance
4
pF
VIH
Input logic high level
0.7 (V+)
V
VIL
Input logic low level
0.3 (V+)
V
IIN
Input current
-0.1
0.1
μA
VOLS
SDA output logic low level
IOL = -3 mA
0
0.4
V
VOLA
ALERT output logic low level
IOL = -3 mA
0
0.4
V
POWER SUPPLY
IQ
Quiescent current
Active Conversion, serial bus inactive
135
220
μA
IQ
Quiescent current
Duty cycle 1 Hz, averaging mode off, serial bus
inactive
3.5
4.5
μA
Duty cycle 1 Hz, 8 avgerages mode, serial bus
inactive
16
22
Duty cycle 1 Hz, averaging mode off, serial bus
active, SCL frequency = 400 kHz
15
ISB
Stanby current(5)
Serial bus inactive, SCL and SDA = V+
1.25
2.1
μA
ISD
Shutdown current
Serial bus inactive, SCL and SDA = V+, 25°C
0.15
0.5
μA
Serial bus inactive, SCL and SDA = V+, 125°C
4
μA
Serial bus active, SCL frequency = 400 kHz
17
μA
IEE
EEPROM write quiescent
current
ADC conversion off; serial bus inactive
240
μA
VPOR
Power-on-reset threshold
voltage
Supply going up
1.6
V
Brownout detect
Supply going down
1.1
V
Reset Time
Time required by device to reset
1.5
ms
Conversion time
One-shot mode
13.5
15.5
17
ms
6.6 Switching Characteristics
minimum and maximum specifications are over -55°C to 150°C and V+ = 1.8 V to 5.5 V (unless otherwise noted) typical
specifications are at TA = 25°C and V+ = 3.3 V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
EEPROM
Programming time
7
ms
Number of writes
1,000
50,000
Times
Data retention time
10
100
Years



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com