Electronic Components Datasheet Search
  English  ▼

X  

TMP117 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TMP117
Description  High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP117 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TMP117 Datasheet HTML 7Page - Texas Instruments TMP117 Datasheet HTML 8Page - Texas Instruments TMP117 Datasheet HTML 9Page - Texas Instruments TMP117 Datasheet HTML 10Page - Texas Instruments TMP117 Datasheet HTML 11Page - Texas Instruments TMP117 Datasheet HTML 12Page - Texas Instruments TMP117 Datasheet HTML 13Page - Texas Instruments TMP117 Datasheet HTML 14Page - Texas Instruments TMP117 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 45 page
background image
1 Second
15.5 ms
124 ms,
8 Conv
Standby
Data_Ready
I C Temperature
Register Read
2
8 Averages, 1-Hz CC
Standby
15.5 ms
1 Conversion Cycle
15.5 ms
Start-Up
Start of
Conversion
Active Conversion
11
TMP117
www.ti.com
SNOSD82 – JUNE 2018
Product Folder Links: TMP117
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
7.4 Device Functional Modes
7.4.1 Temperature Conversions
The TMP117 can be configured to operate in various conversion modes by using the MOD[1:0] bits. These
modes provide flexibility to operate the device in the most power efficient way necessary for the intended
application.
7.4.1.1 Conversion Cycle
When the device is operating in continuous conversion mode (see the Continuous Conversion Mode (CC)
section), every conversion cycle consists of an active conversion period followed by a standby period. The device
typically consumes 135 µA during active conversion, and the device typically consumes 1.25 µA during the low-
power standby period, as indicated in Table 1. Figure 14 shows a representative current consumption profile of a
conversion cycle. The duration of the active conversion period and standby period can be configured using the
CONV[2:0] and AVG[1:0] bits in the configuration register, thereby allowing the average current consumption of
the device to be optimized based on the application requirements. Changing the conversion cycle period also
affects the temperature result update rate because the temperature result register is updated at the end of every
conversion.
Figure 14. Conversion Cycle Timing Diagram
7.4.1.2 Averaging
Users can configure the device to report the average of multiple temperature conversions with the AVG[1:0] bits
to improve noise in the conversion results. When the TMP117 is configured to perform averaging, the device
executes the configured number of conversions. The device accumulates those conversion results and reports
the average of all the collected results at the end of the process. As shown in the noise histograms of Figure 6
and , the temperature result output has a repeatability of approximately ±3 LSBs when there is no averaging and
±1 LSB when the device is configured to perform eight averages. As shown in Figure 15, engineer can achieve
this improvement in noise performance with an increase in the active conversion time in a conversion cycle as a
trade-off. Note that this outcome will increase the average active current consumption. For example, a single
active conversion typically takes 15.5 ms, so if the device is configured to report an average of eight conversions,
then the active conversion time is 124 ms (15.5 ms × 8). Use Equation 1 to factor in this increase in active
conversion time to accurately calculate the average current consumption of the device. The average current
consumption of the device can be decreased by increasing the amount of time the device spends in standby
period as compared to active conversion. On reset, the device is configured to report an average of eight
conversions with a conversion cycle time of 1 second.
Figure 15. Averaging Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com