Electronic Components Datasheet Search
  English  ▼

X  

TMP117 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TMP117
Description  High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP117 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TMP117 Datasheet HTML 14Page - Texas Instruments TMP117 Datasheet HTML 15Page - Texas Instruments TMP117 Datasheet HTML 16Page - Texas Instruments TMP117 Datasheet HTML 17Page - Texas Instruments TMP117 Datasheet HTML 18Page - Texas Instruments TMP117 Datasheet HTML 19Page - Texas Instruments TMP117 Datasheet HTML 20Page - Texas Instruments TMP117 Datasheet HTML 21Page - Texas Instruments TMP117 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 45 page
background image
18
TMP117
SNOSD82 – JUNE 2018
www.ti.com
Product Folder Links: TMP117
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Programming (continued)
7.5.3.1.2
Serial Bus Address
To communicate with the TMP117, the master must first address slave devices through an address byte. The
address byte has seven address bits and a read-write (R/W) bit that indicates the intent of executing a read or
write operation.
The TMP117 features an address pin to allow up to four devices to be addressed on a single bus. Table 2
describes the pin logic levels used to properly connect up to four devices. x represents the read-write (R/W) bit.
Table 2. Address Pin and Slave Addresses
DEVICE TWO-WIRE ADDRESS
ADD0 PIN CONNECTION
1001000x
Ground
1001001x
V+
1001010x
SDA
1001011x
SCL
7.5.3.1.3
Writing and Reading Operation
The user can write a register address to the pointer register to access a particular register on the TMP117. The
value for the pointer register is the first byte transferred after the slave address byte with the R/W bit low. Every
write operation to the TMP117 requires a value for the pointer register.
When reading from the TMP117, the last value stored in the pointer register by a write operation is used to
determine which register is read by a read operation. To change the register pointer for a read operation, a new
value must be written to the pointer register. The user can issue an address byte with the R/W bit low, followed
by the pointer register byte, to write a new value for the pointer register. No additional data are required. The
master can then generate a START condition and send the slave address byte with the R/W bit high to initiate
the read command. See Figure 23 for details of this sequence. If repeated reads from the same register are
desired, it is not necessary to send the pointer register bytes continuously because the TMP117 retains the
pointer register value until the value is changed by the next write operation.
Register bytes are sent with the most significant byte first, followed by the least significant byte.
7.5.3.1.4
Slave Mode Operations
The TMP117 can operate as a slave receiver or slave transmitter. As a slave device, the TMP117 never drives
the SCL line.
7.5.3.1.4.1
Slave Receiver Mode
The first byte transmitted by the master is the slave address with the R/W bit low. The TMP117 then
acknowledges reception of a valid address. The next byte transmitted by the master is the pointer register. The
TMP117 then acknowledges reception of the pointer register byte. The next byte or bytes are written to the
register addressed by the pointer register. The TMP117 acknowledges reception of each data byte. The master
can terminate data transfer by generating a START or STOP condition.
7.5.3.1.4.2
Slave Transmitter Mode
The first byte transmitted by the master is the slave address with the R/W bit high. The slave acknowledges
reception of a valid slave address. The next byte is transmitted by the slave and is the most significant byte of
the register indicated by the pointer register. The master acknowledges reception of the data byte. The next byte
transmitted by the slave is the least significant byte. The master acknowledges reception of the data byte. The
master can terminate data transfer by generating a not-acknowledge on reception of any data byte or by
generating a START or STOP condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com