Electronic Components Datasheet Search
  English  ▼

X  

TMP117 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # TMP117
Description  High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP117 Datasheet(HTML) 33 Page - Texas Instruments

Back Button TMP117 Datasheet HTML 29Page - Texas Instruments TMP117 Datasheet HTML 30Page - Texas Instruments TMP117 Datasheet HTML 31Page - Texas Instruments TMP117 Datasheet HTML 32Page - Texas Instruments TMP117 Datasheet HTML 33Page - Texas Instruments TMP117 Datasheet HTML 34Page - Texas Instruments TMP117 Datasheet HTML 35Page - Texas Instruments TMP117 Datasheet HTML 36Page - Texas Instruments TMP117 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 45 page
background image
Temperature (qC)
-50
-25
0
25
50
75
100
125
150
175
0
10
20
30
40
50
60
70
80
90
700 uWt
630 uWt
500 uWt
410 uWt
370 uWt
225 uWt
Time (Sec)
0
10
20
30
40
50
60
70
80
90
0
10
20
30
40
50
D014
1.9 V
3 V
33
TMP117
www.ti.com
SNOSD82 – JUNE 2018
Product Folder Links: TMP117
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Application Information (continued)
8.1.1.2.3
Self-Heating Effect (SHE)
During ADC conversion some power is dissipated that heats the device despite the small power consumption of
the TMP117. Consider the self-heating effect (SHE) for certain precise measurements. Figure 38 shows the
device SHE in still air at 25°C after the supply is switched on. The device package, including the thermal pad, is
soldered to the 11-mm × 20-mm × 1.1-mm size coupon board. The board is located horizontally, with the device
on top. The TMP117 is in continuous conversion mode with 64 sampling averaging and zero conversion cycle
time. There is no digital bus activity aside from reading temperature data one time each second. As shown in
Figure 38, the SHE stabilization time in still air is greater when the device dissipates more power.
Figure 38. Self-Heating in Still Air vs. Temperature and Dissipated Power
The SHE drift is strongly proportional to the device dissipated power. The SHE drift is also proportional to the
device temperature because the consumption current with the same supply voltage increases with temperature.
Figure 39 shows the SHE drifts versus temperature and dissipated power at 25°C for the same coupon board
and the same conditions described previously.
Figure 39. Self-Heating in Still Air vs. Temperature and Dissipated Power at 25°C
To estimate the SHE for similar size boards, calculate the device consumption power for 25°C and use the
corresponding power line shown in Figure 39. For example, in CC mode without DC at a 3.3-V supply at 25°C,
the device dissipates 410 µWt. So self-heating in still air is approximately 40 m°C for the described condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com