Electronic Components Datasheet Search
  English  ▼

X  

TMP117 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # TMP117
Description  High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP117 Datasheet(HTML) 28 Page - Texas Instruments

Back Button TMP117 Datasheet HTML 24Page - Texas Instruments TMP117 Datasheet HTML 25Page - Texas Instruments TMP117 Datasheet HTML 26Page - Texas Instruments TMP117 Datasheet HTML 27Page - Texas Instruments TMP117 Datasheet HTML 28Page - Texas Instruments TMP117 Datasheet HTML 29Page - Texas Instruments TMP117 Datasheet HTML 30Page - Texas Instruments TMP117 Datasheet HTML 31Page - Texas Instruments TMP117 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 45 page
background image
28
TMP117
SNOSD82 – JUNE 2018
www.ti.com
Product Folder Links: TMP117
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
7.6.1.6 EEPROM Unlock Register (address = 04h) [reset = 0000h]
Figure 31. EEPROM Unlock Register
15
14
13
12
11
10
9
8
EUN
EEPROM_Busy
—
—
—
—
—
—
R/W-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
7
6
5
4
3
2
1
0
—
—
—
—
—
—
—
—
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
Table 12. EEPROM Unlock Register Field Descriptions
BIT
FIELD
TYPE
RESET
DESCRIPTION
15
EUN
R/W
0
EEPROM unlock.
0: EEPROM is locked for programming: writes to all EEPROM
addresses (such as configuration, limits, and EEPROM locations
1-4) are written to registers in digital logic and are not
programmed in the EEPROM
1: EEPROM unlocked for programming: any writes to writable
registers program the respective location in the EEPROM
14
EEPROM_Busy
R
0
EEPROM busy. This flag is the mirror of the EEPROM busy flag
(bit 12) in the configuration register.
0: Indicates that the EEPROM is ready, which means that the
EEPROM has finished the last transaction and is ready to
accept new commands
1: Indicates that the EEPROM is busy, which means that the
EEPROM is currently completing a program or power-up on
reset load
13:0
—
R
0
Not used
7.6.1.7 EEPROM1 Register (address = 05h) [reset = 0000h]
The EEPROM1 register is a 16-bit register that be used as a scratch pad by the customer to store general-
purpose data. This register has a corresponding EEPROM location. Writes to this address when the EEPROM is
locked write data into the register and not to the EEPROM. Writes to this register when the EEPROM is unlocked
causes the corresponding EEPROM location to be programmed. See the Programming the EEPROM section for
more information. EEPROM[4:1] are preprogrammed during manufacturing with the unique ID that can be
overwritten. To support NIST traceability, do not delete or reprogram EEPROM[4:1].
Figure 32. EEPROM1 Register
15
14
13
12
11
10
9
8
D15
D14
D13
D12
D11
D10
D9
D8
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
7
6
5
4
3
2
1
0
D7
D6
D5
D4
D3
D2
D1
D0
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
Table 13. EEPROM1 Register Field Descriptions
BIT
FIELD
TYPE
RESET
DESCRIPTION
15:0
D[15:0]
R/W
xxxxh
This 16-bit register is to be used as a scratch pad by the
customer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com