Electronic Components Datasheet Search
  English  ▼

X  

TMP117 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TMP117
Description  High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP117 Datasheet(HTML) 1 Page - Texas Instruments

  TMP117 Datasheet HTML 1Page - Texas Instruments TMP117 Datasheet HTML 2Page - Texas Instruments TMP117 Datasheet HTML 3Page - Texas Instruments TMP117 Datasheet HTML 4Page - Texas Instruments TMP117 Datasheet HTML 5Page - Texas Instruments TMP117 Datasheet HTML 6Page - Texas Instruments TMP117 Datasheet HTML 7Page - Texas Instruments TMP117 Datasheet HTML 8Page - Texas Instruments TMP117 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
Temperature (qC)
-55
-25
5
35
65
95
125
150
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
D000
Average
Avg r3V
Min/Max Limit
ADC
Oscillator
Register
Bank
Serial
Interface
Control
Logic
ADD0
SCL
SDA
GND
V+
ALERT
Copyright © 2017, Texas Instruments Incorporated
EEPROM
Temperature
Sensor
Circuitry
Internal
Thermal
BJT
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for pre-production products; subject to
change without notice.
TMP117
SNOSD82 – JUNE 2018
TMP117x High-Accuracy, Low-Power, Digital Temperature Sensor
With SMBus™- and I2C-Compatible Interface
1
1 Features
1
•
TMP117 High Accuracy Temperature Sensor
–
±0.1°C (Maximum) From 25°C to +50°C
–
±0.2°C (Maximum) From –40°C to +125°C
–
±0.3°C (Maximum) From –55°C to +150°C
•
TMP117M Medical Temperature Sensor
–
±0.1°C (Maximum) From 30°C to +45°C
•
TMP117N Industrial Temperature Sensor
–
±0.2°C (Maximum) From –40°C to +125°C
•
Temperature Operating Range: –55°C to +150°C
•
Low Power Consumption:
–
3.5-μA, 1-Hz Conversion Cycle
–
250-nA Shutdown Current
•
Supply Range: 1.8 V to 5.5 V
•
16-Bit Resolution: 0.0078°C (1 LSB)
•
Programmable Temperature Alert Limits
•
Digital Offset for System Correction
•
General-Purpose EEPROM: 48 Bits
•
NIST Traceability
•
SMBus™, I2C Interface Compatibility
2 Applications
•
Medical Grade: Meets ASTM E1112 and ISO
80601-2-56
•
Environmental Monitoring and Thermostats
•
Wearables
•
Asset Tracking and Cold Chain
•
Gas Meters and Heat Meters
•
Test and Measurement
•
RTDs Replacement: PT100, PT500, PT1000
•
Cold-Junction Compensation of Thermocouples
SPACER
3 Description
The TMP117 is a high-precision digital temperature
sensor. It is designed to exceed ASTM E1112
requirements for electronic patient thermometers. The
TMP117 provides a 16-bit temperature result with a
resolution of 0.0078°C and an accuracy of up to
±0.1°C across the temperature range of 25°C to 50°C
with
no
calibration.
The
TMP117
is
I2C-
and
SMBus™-interface compatible, has programmable
alert functionality, and can support up to four devices
on a single bus. Integrated EEPROM is included for
device
programming
with
an
additional
48-bits
memory available for general use.
The
low
power
consumption
of
the
TMP117
minimizes the impact of self-heating on measurement
accuracy. The TMP117 operates from 1.8 V to 5.5 V
and typically consumes 3.5 μA.
For non-medical applications, the TMP117 can serve
as a single chip digital alternative to a Platinum RTD.
With an accuracy of ±0.2°C accuracy from –55°C to
150°C, the TMP117 offers comparable if not better
accuracy than can be achieved with a Class A RTD,
while only using a fraction of the power of the power
typically needed for a PT100 RTD. The TMP117
simplifies the design effort by removing many of the
complexities of RTDs such as precision references,
matched
traces,
complicated
algorithms,
and
calibration.
The TMP117 units are 100% tested on a production
setup that is NIST traceable and verified with
equipment that is calibrated to ISO/IEC 17025
accredited standards.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TMP117
WSON (6)
2.00 mm × 2.00 mm
DSBGA (6)
1.00 mm × 1.60 mm
(1) For all available packages, see the package option addendum
at the end of the data sheet.
Functional Block Diagram
Temperature Accuracy


Similar Part No. - TMP117

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP117 TI1-TMP117 Datasheet
1Mb / 41P
High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
TMP117 TI1-TMP117 Datasheet
1Mb / 49P
High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
TMP117 TI1-TMP117 Datasheet
1Mb / 51P
high-accuracy, low-power, digital temperature sensor with SMBus- and I2C-compatible interface
TMP117 TI1-TMP117 Datasheet
1Mb / 48P
TMP119 Ultra-High Accuracy, Low-Power, Digital Temperature Sensor With SMBus™- and I2C-Compatible Interface
JANUARY 2024
TMP117 TI-TMP117 Datasheet
1Mb / 41P
TMP118 Ultra-small, High-Accuracy, Low-power, Digital Temperature Sensor With SMBus™- and I2C-compatible Interface
DECEMBER 2024
More results

Similar Description - TMP117

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP112 TI-TMP112 Datasheet
539Kb / 24P
High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
TMP112 TI-TMP112_1 Datasheet
625Kb / 25P
High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
TMP101-Q1 TI1-TMP101-Q1 Datasheet
312Kb / 19P
DIGITAL TEMPERATURE SENSOR WITH I2C INTERFACE
TMP101NA-250G4 TI-TMP101NA-250G4 Datasheet
819Kb / 19P
Digital Temperature Sensor with I2C Interface
TMP112 TI1-TMP112_15 Datasheet
988Kb / 35P
TMP112 High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus and Two-Wire Serial Interface in SOT563
TMP116 TI1-TMP116 Datasheet
1Mb / 46P
High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
TMP112 TI1-TMP112_18 Datasheet
982Kb / 32P
High-Accuracy, Low-Power, Digital Temperature Sensors With SMBus and Two-Wire Serial Interface in SOT563
TMP117 TI1-TMP117 Datasheet
1Mb / 41P
High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
TMP117 TI1-TMP117_19 Datasheet
1Mb / 49P
High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
TMP117_1903 TI1-TMP117_1903 Datasheet
1Mb / 51P
high-accuracy, low-power, digital temperature sensor with SMBus- and I2C-compatible interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com