Electronic Components Datasheet Search
  English  ▼

X  

TMP117 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # TMP117
Description  High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP117 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TMP117 Datasheet HTML 20Page - Texas Instruments TMP117 Datasheet HTML 21Page - Texas Instruments TMP117 Datasheet HTML 22Page - Texas Instruments TMP117 Datasheet HTML 23Page - Texas Instruments TMP117 Datasheet HTML 24Page - Texas Instruments TMP117 Datasheet HTML 25Page - Texas Instruments TMP117 Datasheet HTML 26Page - Texas Instruments TMP117 Datasheet HTML 27Page - Texas Instruments TMP117 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 45 page
background image
24
TMP117
SNOSD82 – JUNE 2018
www.ti.com
Product Folder Links: TMP117
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
7.6.1.2 Configuration Register (address = 01h) [default reset = 0220h]
(1)
The MOD1 bit cannot be stored in EEPROM. The device can only be programmed to start up in shutdown mode or continuous
conversion mode.
(2)
These bits can be stored in EEPROM. The factory setting for this register is 0220.
Figure 27. Configuration Register
15
14
13
12
11
10
9
8
HIGH_Alert
LOW_Alert
Data_Ready
EEPROM_Busy
MOD1(1)
MOD0(2)
CONV2(2)
CONV1(2)
R-0
R-0
R-0
R-0
R/W-0
R/W-0
R/W-1
R/W-0
7
6
5
4
3
2
1
0
CONV0(2)
AVG1(2)
AVG0(2)
T/nA(2)
POL(2)
DR/Alert(2)
—
—
R/W-0
R/W-0
R/W-1
R/W-0
R/W-0
R/W-0
R-0
R-0
Table 6. Configuration Register Field Descriptions
BIT
FIELD
TYPE
RESET
DESCRIPTION
15
HIGH_Alert
R
0
Alert mode:
1: Set when the conversion result is higher than the high limit
0: Cleared on read of configuration register
Therm mode:
1: Set when the conversion result is higher than the therm limit
0: Cleared when the conversion result is lower than the
hysteresis
14
LOW_Alert
R
0
Alert mode:
1: Set when the conversion result is lower than the low limit
0: Cleared when the configuration register is read
Therm mode: Always set to 0
13
Data_Ready
R
0
Data ready flag.
This flag indicates that the conversion is complete and the
temperature register can be read. Every time the temperature
register or configuration register is read, this bit is cleared. This
bit is set at the end of the next conversion when the temperature
register is updated. Data ready can be monitored on the ALERT
pin by using bit 2 of the configuration register.
12
EEPROM_Busy
R
0
EEPROM busy flag.
The value of the flag indicates that the EEPROM is busy during
programming or power-up.
11:10
MOD[1:0]
R/W
0
Set conversion mode.
00: Continuous conversion (CC)
01: Shutdown (SD)
10: Continuous conversion (read back = 00)
11: One-shot conversion (OS)
9:7
CONV[2:0]
R/W
100
Conversion cycle bit.
See Table 7 for the standby time between conversions.
6:5
AVG[1:0]
R/W
01
Conversion averaging modes.
These bits determine the number of conversion results that are
collected and averaged before updating the temperature register.
The average is an accumulated average and not a running
average. Table 8 lists the bit settings for AVG.
4
T/nA
R/W
0
Therm/alert mode select.
1: Therm mode
0: Alert mode
3
POL
R/W
0
ALERT pin polarity bit.
1: Active high
0: Active low
2
DR/Alert
R/W
0
Data ready, ALERT flag select bit.
1: ALERT pin reflects the status of the data ready flag
0: ALERT pin reflects the status of the alert flags
1
Soft_Reset
R/W
0
Software reset bit.
When set to 1 it triggers software reset with a duration of 2ms
This bit always read back 0
0
—
R
0
Not used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com