Electronic Components Datasheet Search
  English  ▼

X  

LTC2662 Datasheet(PDF) 4 Page - Analog Devices

Part # LTC2662
Description  Five-Channel Current-Source- Output 16-Bit SoftSpan DACs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2662 Datasheet(HTML) 4 Page - Analog Devices

  LTC2662 Datasheet HTML 1Page - Analog Devices LTC2662 Datasheet HTML 2Page - Analog Devices LTC2662 Datasheet HTML 3Page - Analog Devices LTC2662 Datasheet HTML 4Page - Analog Devices LTC2662 Datasheet HTML 5Page - Analog Devices LTC2662 Datasheet HTML 6Page - Analog Devices LTC2662 Datasheet HTML 7Page - Analog Devices LTC2662 Datasheet HTML 8Page - Analog Devices LTC2662 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
LTC2662
4
Rev 0
For more information www.analog.com
PRODUCT SELECTION GUIDE
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC2662CUH-16#PBF
LTC2662CUH-16#TRPBF
266216
32-Lead (5mm × 5mm) QFN
0°C to 70°C
LTC2662IUH-16#PBF
LTC2662IUH-16#TRPBF
266216
32-Lead (5mm × 5mm) QFN
–40°C to 85°C
LTC2662HUH-16#PBF
LTC2662HUH-16#TRPBF
266216
32-Lead (5mm × 5mm) QFN
–40°C to 125°C
LTC2662
C
UH
16
#TR PBF
LEAD FREE DESIGNATOR
PBF = Lead Free
TAPE AND REEL
TR = 2500-Piece Tape and Reel
RESOLUTION
16 = 16-Bit
PACKAGE TYPE
UH = 32-Lead QFN
TEMPERATURE GRADE
C = Commercial Temperature Range (0°C to 70°C)
I = Industrial Temperature Range (–40°C to 85°C)
H = Automotive Temperature Range (–40°C to 125°C)
PRODUCT PART NUMBER
Contact the factory for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Tape and reel specifications. Some packages are available in 500 unit reels through designated sales channels with #TRMPBF suffix.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com