Electronic Components Datasheet Search
  English  ▼

X  

LTC2662 Datasheet(PDF) 20 Page - Analog Devices

Part # LTC2662
Description  Five-Channel Current-Source- Output 16-Bit SoftSpan DACs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2662 Datasheet(HTML) 20 Page - Analog Devices

Back Button LTC2662 Datasheet HTML 16Page - Analog Devices LTC2662 Datasheet HTML 17Page - Analog Devices LTC2662 Datasheet HTML 18Page - Analog Devices LTC2662 Datasheet HTML 19Page - Analog Devices LTC2662 Datasheet HTML 20Page - Analog Devices LTC2662 Datasheet HTML 21Page - Analog Devices LTC2662 Datasheet HTML 22Page - Analog Devices LTC2662 Datasheet HTML 23Page - Analog Devices LTC2662 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
LTC2662
20
Rev 0
For more information www.analog.com
OPERATION
Due to the pre-charge behavior, the mux output becomes
valid approximately 7µs after the Mux command is given
(CS/LD rising). Residual charging transients can be fur-
ther reduced by adding capacitance to the output pins if
needed. Do not add capacitance to the MUX pin, as this
potentially increases the disturbance to the outputs during
mux switching. Up to 100pF on the MUX pin is allowable.
Toggle Operations
Some systems require that the DAC outputs switch repeti-
tively between two output levels (i.e. switching between
an ‘on’ and ‘off’ state). The LTC2662 toggle function facili-
tates these kinds of operations by providing two input
registers (A and B) per DAC channel.
Toggling between A and B is controlled by three signals.
The first of these is the toggle select command, which
acts on the data field of 5 bits, each of which controls a
single channel (see Figure 7). The second is the global
toggle command, which controls all selected channels
using the global toggle bit TGB (see Figure 8). Finally, the
TGP pin allows the use of an external clock or logic signal
to toggle the DAC outputs between A and B. The signals
from these controls are combined as shown in Figure 9.
If the toggle function is not needed, tie TGP (Pin 2) to
ground and leave the toggle select register in its power-
on reset state (cleared to zero). Input registers A then
function as the sole input registers, and registers B are
not used.
Table 4. Monitor Mux Control Codes
M4
M3
M2
M1
M0
MUX PIN OUTPUT
NOTES:
0
0
0
0
0
Disabled (Hi-Z)
0
0
0
0
1
OUT0 Current Measurement
IOUT0 = IFS • VMUX/VREF
0
0
0
1
0
OUT1 Current Measurement
IOUT1 = IFS • VMUX/VREF
0
0
0
1
1
OUT2 Current Measurement
IOUT2 = IFS • VMUX/VREF
0
0
1
0
0
OUT3 Current Measurement
IOUT3 = IFS • VMUX/VREF
0
0
1
0
1
OUT4 Current Measurement
IOUT4 = IFS • VMUX/VREF
0
0
1
1
0
VCC
0
1
0
0
0
VREF
0
1
0
0
1
VREFLO
DAC Reference GND
0
1
0
1
0
Die Temperature, T
T = 25°C + (1.4V – VMUX)/(0.0037V/°C)
1
0
0
0
0
VDD0
1
0
0
0
1
VDD1
1
0
0
1
0
VDD2
1
0
0
1
1
VDD3
1
0
1
0
0
VDD4
1
0
1
0
1
V+
1
0
1
1
0
V–
1
0
1
1
1
GND
1
1
0
0
0
OUT0 Pin Voltage
1
1
0
0
1
OUT1 Pin Voltage
1
1
0
1
0
OUT2 Pin Voltage
1
1
0
1
1
OUT3 Pin Voltage
1
1
1
0
0
OUT4 Pin Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com