Electronic Components Datasheet Search
  English  ▼

X  

LTC2662 Datasheet(PDF) 9 Page - Analog Devices

Part # LTC2662
Description  Five-Channel Current-Source- Output 16-Bit SoftSpan DACs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2662 Datasheet(HTML) 9 Page - Analog Devices

Back Button LTC2662 Datasheet HTML 5Page - Analog Devices LTC2662 Datasheet HTML 6Page - Analog Devices LTC2662 Datasheet HTML 7Page - Analog Devices LTC2662 Datasheet HTML 8Page - Analog Devices LTC2662 Datasheet HTML 9Page - Analog Devices LTC2662 Datasheet HTML 10Page - Analog Devices LTC2662 Datasheet HTML 11Page - Analog Devices LTC2662 Datasheet HTML 12Page - Analog Devices LTC2662 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
LTC2662
9
Rev 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Integral Nonlinearity (INL)
Differential Nonlinearity (DNL)
Full–Scale Current Error
vs Temperature
Settling 0 to 3.125mA Step
Settling 145mA to 155mA Step
Settling 0 to 200mA Step
Offset Current Error
vs Temperature
Reference Output vs Temperature
Dropout Voltage vs Current Range
3.125mA
25mA
200mA
300mA
CODE
0
16384
32768
49152
65536
–32
–24
–16
–8
0
8
16
24
32
2662 G01
25mA RANGE
CODE
0
16384
32768
49152
65536
–1.00
–0.75
–0.50
–0.25
0
0.25
0.50
0.75
1.00
2662 G02
RLOAD SEE NOTE 4
300mA RANGE
200mA RANGE
100mA RANGE
50mA RANGE
25mA RANGE
TEMPERATURE (°C)
–40 –20 0
20 40 60 80 100 120 140
–1.0
–0.8
–0.6
–0.4
–0.2
0.0
0.2
0.4
0.6
0.8
1.0
2662 G03
VOUTX RESIDUAL 500µV/DIV
tSETTLE = 6.1µs TO ±0.024%, 19.2µs TO ±0.0015%
AVERAGE OF 8192 EVENTS
CS/LD
3.125mA RANGE
RLOAD = 800Ω
VOUTX, 1V/DIV
5µs/DIV
2662 G04
VOUTX RESIDUAL 500µV/DIV
tSETTLE = 3.5µs TO ±0.024%, 7.7µs TO ±0.0015%
AVERAGE OF 1024 EVENTS
CS/LD
200mA RANGE
RLOAD = 15Ω
VOUTX, 500mV/DIV
2µs/DIV
2662 G05
VDDX = 4V
VDDX = 7V
VDDX = 5V
VOUTX RESIDUAL 200µV/DIV
VOUTX 2V/DIV
CS/LD
200mA RANGE; RLOAD = 15Ω
tSETTLE = 4.5µs TO ±0.024%, 8.7ms TO ±0.0015%
tSETTLE MEASURED AT VDDX = 4V TO MINIMIZE
THERMAL SETTLING TAILS
5ms/DIV
2662 G06
MEASURED AT 16–BIT CODE 384
300mA RANGE
200mA RANGE
100mA RANGE
50mA RANGE
25mA RANGE
TEMPERATURE (°C)
–40 –20 0
20 40 60 80 100 120 140
–0.4
–0.3
–0.2
–0.1
0.0
0.1
0.2
0.3
0.4
2662 G07
TEMPERATURE (°C)
–40 –20 0
20 40 60 80 100 120 140
1.246
1.247
1.248
1.249
1.250
1.251
1.252
1.253
1.254
2662 G08
1.13V
0.730V
0.643V
0.824V
0.786V
VDDX–V– = 4.75V
300mA
200mA
100mA
50mA
25mA
DROPOUT VOLTAGE VDDX-VOUTX (V)
0
0.50
1
1.50
2
2.50
0
50
100
150
200
250
300
350
2662 G09



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com