Electronic Components Datasheet Search
  English  ▼

X  

LTC2662 Datasheet(PDF) 3 Page - Analog Devices

Part # LTC2662
Description  Five-Channel Current-Source- Output 16-Bit SoftSpan DACs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2662 Datasheet(HTML) 3 Page - Analog Devices

  LTC2662 Datasheet HTML 1Page - Analog Devices LTC2662 Datasheet HTML 2Page - Analog Devices LTC2662 Datasheet HTML 3Page - Analog Devices LTC2662 Datasheet HTML 4Page - Analog Devices LTC2662 Datasheet HTML 5Page - Analog Devices LTC2662 Datasheet HTML 6Page - Analog Devices LTC2662 Datasheet HTML 7Page - Analog Devices LTC2662 Datasheet HTML 8Page - Analog Devices LTC2662 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
LTC2662
3
Rev 0
For more information www.analog.com
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Analog Supply Voltage (VCC) ....................... –0.3V to 6V
Digital I/O Voltage (IOVCC)........................... –0.3V to 6V
Negative Supply Voltage (V–)...................–16.5V to 0.3V
Positive Supply Voltage (V+) ............–0.3V to (V– + 36V)
Output Supply Voltages
(VDD0, VDD1, VDD2, VDD3, VDD4)......–0.3V to (V+ + 0.3V)
OUT0, OUT1, OUT2,
OUT3, OUT4.......................(V– – 0.3V) to (VDDX + 0.3V)
MUX....................................... (V– – 0.3V) to (V+ + 0.3V)
REF, REFCOMP, FSADJ ....–0.3V to Min (VCC + 0.3V, 6V)
CS/LD, SCK, SDI, LDAC, CLR, TGP .............. –0.3V to 6V
FAULT........................................................... –0.3V to 6V
SDO .............................. –0.3V to Min (IOVCC + 0.3V, 6V)
Operating Junction Temperature (TJ) Range
LTC2662C................................................ 0°C to 70°C
LTC2662I .............................................–40°C to 85°C
LTC2662H.......................................... –40°C to 125°C
Maximum Junction Temperature……………...… 150°C
Storage Temperature Range .................. –65°C to 150°C
(Note 1)
32
33
GND
31 30 29 28 27 26 25
9 10 11 12
TOP VIEW
UH PACKAGE
32-LEAD (5mm × 5mm) PLASTIC QFN
TJMAX = 150°C, θJA = 44°C/W, θJC = 7.3°C/W
EXPOSED PAD (PIN 33) IS GND, MUST BE SOLDERED TO PCB
13 14 15 16
17
18
19
20
21
22
23
24
8
7
6
5
4
3
2
1
GND
TGP
SDI
SDO
SCK
CS/LD
LDAC
GND
OUT0
OUT1
VDD1
VDD2
OUT2
OUT3
VDD3
VDD4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com