Electronic Components Datasheet Search
  English  ▼

X  

LTC2662 Datasheet(PDF) 7 Page - Analog Devices

Part # LTC2662
Description  Five-Channel Current-Source- Output 16-Bit SoftSpan DACs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2662 Datasheet(HTML) 7 Page - Analog Devices

Back Button LTC2662 Datasheet HTML 3Page - Analog Devices LTC2662 Datasheet HTML 4Page - Analog Devices LTC2662 Datasheet HTML 5Page - Analog Devices LTC2662 Datasheet HTML 6Page - Analog Devices LTC2662 Datasheet HTML 7Page - Analog Devices LTC2662 Datasheet HTML 8Page - Analog Devices LTC2662 Datasheet HTML 9Page - Analog Devices LTC2662 Datasheet HTML 10Page - Analog Devices LTC2662 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
LTC2662
7
Rev 0
For more information www.analog.com
POWER REQUIREMENTS The
l
denotes the specifications which apply over the full operating junction
temperature range, otherwise specifications are at TJ = 25°C. VCC = IOVCC = 5V; V– = –5V; VDD0-4 = 5V, V+ = 5V, FSADJ = VCC,
V(REF) = 1.25V external unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC
Analog Supply Voltage
VCC Must Not Exceed V+
l
2.85
5.5
V
IOVCC
Digital I/O Supply Voltage
l
1.71
VCC
V
V–
Negative Supply Voltage
l
–15.75
0
V
V+
Positive Supply Voltage
l
2.85
V– + 33
V
VDD0 to VDD4 Output Supply Voltages
l
2.85
V+
V
Supply Current VCC
All Ranges (Code = 0, All Channels)
l
2.6
3.8
mA
Supply Current IOVCC
All Ranges (Code = 0, All Channels)
l
0.01
1
μA
Supply Current V+
All Ranges (Code = 0, All Channels)
l
385
500
μA
Supply Current V–
All Ranges (Code = 0, All Channels)
l
2.3
3.2
mA
Supply Current VDD0-4
All Ranges (Code = 0, per Channel)
25mA Range (Code = Full-Scale, per Channel), (Note 9)
200mA Range (Code = Full-Scale, per Channel), (Note 9)
l
l
l
0.7
26.5
204
1.2
27.6
207
mA
mA
mA
ISLEEP
Shutdown Current VCC
(Notes 10, 11)
l
1
10
μA
Shutdown Current IOVCC
(Notes 10, 11)
l
0.01
1
μA
Shutdown Current V+
(Notes 10, 11))
l
20
36
μA
Shutdown Current V–
(Notes 10, 11)
l
30
59
μA
Shutdown Current VDD0-4
(Notes 10, 11) per Channel
l
20
8.1
μA
Monitor Mux
DC Output Impedance
15
kΩ
Leakage Current
Monitor Mux Disabled (High Impedance)
l
0.1
1
μA
Output Voltage Range
Monitor Mux Selected to IOUT0-4 Pin Voltage
l
V–
V+
V
Continuous Current (Note 8)
l
±1
mA
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
V+ = VDDX = VCC = 2.85V to 5.5V, IOVCC = 2.85V to VCC
t1
SDI Valid to SCK Setup
l
6
ns
t2
SDI Valid to SCK Hold
l
6
ns
t3
SCK HIGH Time
l
9
ns
t4
SCK LOW Time
l
9
ns
t5
CS/LD Pulse Width
l
10
ns
t6
LSB SCK High to CS/LD High
l
19
ns
t7
CS/LD Low to SCK High
l
7
ns
t8
SDO Propagation Delay From SCK Falling Edge
CLOAD = 10pF
4.5V ≤ IOVCC ≤ VCC
2.85V ≤ IOVCC < 4.5V
l
l
20
30
ns
ns
TIMING CHARACTERISTICS The
l
denotes the specifications which apply over the full operating junction
temperature range, otherwise specifications are at TJ = 25°C. Digital input low and high voltages are 0V and IOVCC, respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com