Electronic Components Datasheet Search
  English  ▼

X  

LTC2662 Datasheet(PDF) 28 Page - Analog Devices

Part # LTC2662
Description  Five-Channel Current-Source- Output 16-Bit SoftSpan DACs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2662 Datasheet(HTML) 28 Page - Analog Devices

Back Button LTC2662 Datasheet HTML 20Page - Analog Devices LTC2662 Datasheet HTML 21Page - Analog Devices LTC2662 Datasheet HTML 22Page - Analog Devices LTC2662 Datasheet HTML 23Page - Analog Devices LTC2662 Datasheet HTML 24Page - Analog Devices LTC2662 Datasheet HTML 25Page - Analog Devices LTC2662 Datasheet HTML 26Page - Analog Devices LTC2662 Datasheet HTML 27Page - Analog Devices LTC2662 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
LTC2662
28
Rev 0
For more information www.analog.com
ANALOG DEVICES, INC. 2018
D17147-0-8/18(0)
www.analog.com
RELATED PARTS
TYPICAL APPLICATION
24
25
27
23
22
16
17
30
13
3
31
2
7
4
5
29
28
10
12
9
11
DAC0
0mA TO 50mA
VDD0
V+
OUT0
FULL SCALE
ADJUST
INTERNAL
REFERENCE
ANALOG
MUX
SERIAL
INTERFACE
VDD1
OUT1
VDD4
OUT4
SEMICONDUCTOR
OPTICAL
AMPLIFIER
2662 TA02
FAULT
FAULT
DETECT
SDI
VCC
0.1µF
CLR
TGP
LDAC
SDO
SCK
TO µC
CS/LD
IOVCC
MUX
REF
FSADJ
REFLO
GND
REFCOMP
DAC1
•
•
•
•
•
•
DAC4
V–
6
0.1µF
0.1µF
0.1µF
200Ω
RESISTIVE
HEATER
12V
0mA TO 200mA
0mA TO 300mA
TUNABLE
LASER
3V
3V
3V
0.1µF
–5V
•
•
•
PART NUMBER
DESCRIPTION
COMMENTS
LTC2668
16-Channel Serial 16-/12-Bit VOUT SoftSpan
DACs with ±10ppm/°C Reference
Software-Programmable Output Ranges Up to ±10V, 6mm × 6mm QFN Package
LTC2666
Octal Serial 16-/12-Bit VOUT SoftSpan DACs with
±10ppm/°C Reference
Software-Programmable Output Ranges Up to ±10V, 5mm × 5mm QFN Package
LTC2664
Quad Serial 16-/12-Bit VOUT SoftSpan DACs with
±10ppm/°C Reference
Software-Programmable Output Ranges Up to ±10V, 5mm × 5mm QFN Package
References
LTC6655
Low Drift Precision Buffered Reference
0.025% Max Tolerance 2ppm/°C Max, 0.25ppmP-P 0.1Hz to 10Hz Noise



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com