Electronic Components Datasheet Search
  English  ▼

X  

LTC2662 Datasheet(PDF) 17 Page - Analog Devices

Part # LTC2662
Description  Five-Channel Current-Source- Output 16-Bit SoftSpan DACs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2662 Datasheet(HTML) 17 Page - Analog Devices

Back Button LTC2662 Datasheet HTML 13Page - Analog Devices LTC2662 Datasheet HTML 14Page - Analog Devices LTC2662 Datasheet HTML 15Page - Analog Devices LTC2662 Datasheet HTML 16Page - Analog Devices LTC2662 Datasheet HTML 17Page - Analog Devices LTC2662 Datasheet HTML 18Page - Analog Devices LTC2662 Datasheet HTML 19Page - Analog Devices LTC2662 Datasheet HTML 20Page - Analog Devices LTC2662 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
LTC2662
17
Rev 0
For more information www.analog.com
Data Transfer Functions
The DAC input-to-output transfer functions for all resolu-
tions and output ranges greater than or equal to 25mA
are shown in Figure 3. The input code is in straight binary
format for all ranges.
Serial Interface
When the CS/LD pin is taken low, the data on the SDI
pin is loaded into the shift register on the rising edge
of the clock (SCK pin). The 4-bit command, C3-C0, is
loaded first, followed by the 4-bit DAC address, A3-A0,
and finally the 16-bit data word in straight binary format.
For the LTC2662-16, the data word comprises the 16-bit
input code, ordered MSB-to-LSB. Data can only be trans-
ferred to the LTC2662 when the CS/LD signal is low. The
rising edge of CS/LD ends the data transfer and causes
the device to carry out the action specified in the 24-bit
input word.
While the minimum input word is 24 bits, it may option-
ally be extended to 32 bits. To use the 32-bit word width,
8 don’t-care bits must be transferred to the device first,
followed by the 24-bit word, as just described. The 32-bit
word is required for echo read-back and daisy-chain
operation. It also provides accommodation for proces-
sors that have a minimum word width of 16 or more bits.
Figure 3. LTC2662-16 Transfer Function
300mA RANGE
200mA RANGE
100mA RANGE
50mA RANGE
25mA RANGE
CODE
0
16384
32768
49152
65535
0
50
100
150
200
250
300
2662 F03a
OPERATION
The complete 24-bit and 32-bit sequences are shown in
Figure 2a and Figure 2b. Note that the Fault Register out-
puts appear on the SDO pin for either word width.
Input and DAC Registers
The LTC2662 has five internal registers for each DAC, in
addition to the main shift register. Each DAC channel has
two sets of double-buffered registers: one set for the code
data, and one set for the span (output range) of the DAC.
Double buffering provides the capability to simultaneously
update the span and code, which allows smooth current
transitions when changing output ranges. It also permits
the simultaneous updating of multiple DACs.
Each set of double-buffered registers comprises an input
register and a DAC register:
• Input Register: The write operation shifts data from
the SDI pin into a chosen register. The input registers
are holding buffers; write operations do not affect the
DAC outputs
In the code data path, there are two input registers,
A and B, for each DAC register. Register B is an alter-
nate register used only in the toggle operation, while
register A is the default input register
• DAC Register: The update operation copies the con-
tents of an input register to its associated DAC regis-
ter. The content of a DAC register directly controls the
DAC output current or range. The update operation
also powers up the selected DAC if it had been in
power-down mode.
Note that updates always refresh both code and span
data, but the values held in the DAC registers remain
unchanged unless the associated input register values
have been changed via a write operation. For example,
if a new code is written and the channel is updated, the
code is updated while the span is refreshed unchanged. A
channel update can come from a serial update command,
an LDAC negative pulse or a toggle operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com