Electronic Components Datasheet Search
  English  ▼

X  

LTC2662 Datasheet(PDF) 23 Page - Analog Devices

Part # LTC2662
Description  Five-Channel Current-Source- Output 16-Bit SoftSpan DACs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2662 Datasheet(HTML) 23 Page - Analog Devices

Back Button LTC2662 Datasheet HTML 19Page - Analog Devices LTC2662 Datasheet HTML 20Page - Analog Devices LTC2662 Datasheet HTML 21Page - Analog Devices LTC2662 Datasheet HTML 22Page - Analog Devices LTC2662 Datasheet HTML 23Page - Analog Devices LTC2662 Datasheet HTML 24Page - Analog Devices LTC2662 Datasheet HTML 25Page - Analog Devices LTC2662 Datasheet HTML 26Page - Analog Devices LTC2662 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
LTC2662
23
Rev 0
For more information www.analog.com
OPERATION
select bits as needed to select the input register (A or B)
with which each channel is to be updated. Then update all
channels, either by using the serial command (1001b) or
by applying a negative pulse to the LDAC pin. Any chan-
nels whose toggle select bits are 0 update from input
register A, while channels whose toggle select bits are 1
update from input register B (see Figure 9). By alternating
toggle select and update operations, up to 5 channels can
be simultaneously switched to A or B as needed.
Daisy-Chain Operation
The serial output of the shift register appears at the SDO
pin. Data transferred to the device from the SDI input is
delayed 32 SCK rising edges before being output at the
next SCK falling edge, suitable for clocking into the micro-
processor on the next 32 SCK rising edges.
The SDO output can be used to facilitate control of multi-
ple serial devices from a single 3-wire serial port (i.e. SCK,
SDI and CS/LD). Such a daisy-chain series is configured
by connecting the SDO of each upstream device to the SDI
of the next device in the chain. The shift registers of the
devices are thus connected in series, effectively forming a
single input shift register which extends through the entire
chain. Because of this, the devices can be addressed and
controlled individually by simply concatenating their input
words; the first instruction addresses the last device in
the chain and so forth. The SCK and CS/LD signals are
common to all devices in the series.
In use, CS/LD is first taken low. Then, the concatenated
input data is transferred to the chain, using the SDI of the
first device as the data input. When the data transfer is
complete, CS/LD is taken high, completing the instruction
sequence for all devices simultaneously. A single device
can be controlled by using the no-operation command
(1111b) for all other devices in the chain. When CS/LD is
taken high, the SDO pin presents a high impedance out-
put, so a pull-up resistor is required at the SDO of each
device (except the last) for daisy-chain operation.
Echo Readback
The SDO pin can be used to verify data transfer to the
device. During each 32-bit instruction cycle, SDO outputs
the previous 32-bit instruction for verification. The 8-bit
“don’t-care” prefix is replaced by 8 Fault Register status
bits, followed by the 4-bit command and address words
and the full 16-bit data word (see Figure 2a). The SDO
sequence for a 24-bit instruction cycle is the same, except
that the data word is truncated to 8 bits (see Figure 2b).
When CS/LD is high, SDO presents a high impedance
output, releasing the bus for use by other SPI devices.
Fault Register (FR)
The LTC2662 provides notifications of operational fault
conditions. The fault register (FR) status bits comprise
the first data byte (8 bits) of each 24- or 32-bit SDO word,
outputted to the SDO pin during every SPI transaction.
See Figure 2 for sequences.
An FR bit is set when its trigger condition is detected,
and clocked to SDO during the next SPI transaction. FR
information is updated with each SPI transaction. Note
that if a fault condition is corrected by the action of an
SPI instruction, the cleared FR flag for that condition is
observable at SDO on the next SPI transaction.
Table 5 lists the Fault Register bits and their associated
trigger conditions.
Table 5. Fault Register (FR)
FR Bit
Fault Condition
FR0
Open-Circuit condition detected on OUT0
FR1
Open-Circuit condition detected on OUT1
FR2
Open-Circuit condition detected on OUT2
FR3
Open-Circuit condition detected on OUT3
FR4
Open-Circuit condition detected on OUT4
FR5
Overtemperature. If die temperature TJ > 175°C, FR5 is
set and thermal protection is activated. Can be disabled
using the Config command (0111b).
FR6
Power Limit. If VDDX - VOUTX > 10V and the current range
is ≥ 200mA, FR6 is set and the range for that channel
is reduced to 100mA. Can be disabled using the Config
command (0111b).
FR7
Invalid SPI sequence length. Valid sequence lengths are
24 and 32 bits. For all other lengths, FR7 is set and the
SPI instruction is ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com