Electronic Components Datasheet Search
  English  ▼

X  

LTC2662 Datasheet(PDF) 16 Page - Analog Devices

Part # LTC2662
Description  Five-Channel Current-Source- Output 16-Bit SoftSpan DACs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2662 Datasheet(HTML) 16 Page - Analog Devices

Back Button LTC2662 Datasheet HTML 12Page - Analog Devices LTC2662 Datasheet HTML 13Page - Analog Devices LTC2662 Datasheet HTML 14Page - Analog Devices LTC2662 Datasheet HTML 15Page - Analog Devices LTC2662 Datasheet HTML 16Page - Analog Devices LTC2662 Datasheet HTML 17Page - Analog Devices LTC2662 Datasheet HTML 18Page - Analog Devices LTC2662 Datasheet HTML 19Page - Analog Devices LTC2662 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
LTC2662
16
Rev 0
For more information www.analog.com
OPERATION
The LTC2662 is a family of five-channel, current source
output digital-to-analog converters (DACs) with select-
able output ranges, precision reference and a high-voltage
multiplexer (MUX) for surveying the channel output volt-
ages and currents. Each output draws its current from a
separate dedicated positive supply pin that accepts volt-
ages of 2.85V to 33V, allowing optimization of power dis-
sipation and headroom for a wide range of loads. Internal
12Ω switches allow any output pin to be connected to an
optional negative V– supply voltage and sink up to 80mA.
Power-On-Reset
The outputs reset to a high-impedance state on power up,
making system initialization consistent and repeatable.
After power-on initialization, select the output range via
SPI bus using Tables 1, 2 and 3.
Power Supply Sequencing and Start-Up
The supplies (VCC, IOVCC, V+, V– and VDD0 to VDD4) may
be powered up in any convenient order. If an external
reference is used, do not allow the input voltage at REF to
rise above VCC + 0.3V during supply turn-on and turn-off
sequences (see the Absolute Maximum Ratings section).
After start-up, IOVCC should be within VCC; and no supply
should exceed V+. DC reference voltages of 1.225V to
1.275V are acceptable.
Supply bypassing is critical to achieving the best possible
performance. Use at least 1µF of low-ESR capacitance to
ground on all supply pins and locate as close to the device
as possible. A 0.1µF capacitor may be used for IOVCC.
Table 1. Command Codes
COMMAND
C3
C2
C1
C0
0
0
0
0
Write Code to n
1
0
0
0
Write Code to All
0
1
1
0
Write Span to n
1
1
1
0
Write Span to All
0
0
0
1
Update n (Power Up)
1
0
0
1
Update All (Power Up)
0
0
1
1
Write Code to n, Update n (Power Up)
0
0
1
0
Write Code to n, Update All (Power Up)
1
0
1
0
Write Code to All, Update All (Power Up)
0
1
0
0
Power Down n
0
1
0
1
Power Down Chip
1
0
1
1
Monitor Mux
1
1
0
0
Toggle Select
1
1
0
1
Global Toggle
0
1
1
1
Config Command
1
1
1
1
No Operation
Table 2. DAC Addresses, n
ADDRESS
A3
A2
A1
A0
0
0
0
0
DAC 0
0
0
0
1
DAC 1
0
0
1
0
DAC 2
0
0
1
1
DAC 3
0
1
0
0
DAC 4
Note: Any DAC address code used other than the codes
given above in Table 2 will cause the command to be
ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com