Electronic Components Datasheet Search
  English  ▼

X  

LTC2662 Datasheet(PDF) 22 Page - Analog Devices

Part # LTC2662
Description  Five-Channel Current-Source- Output 16-Bit SoftSpan DACs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2662 Datasheet(HTML) 22 Page - Analog Devices

Back Button LTC2662 Datasheet HTML 18Page - Analog Devices LTC2662 Datasheet HTML 19Page - Analog Devices LTC2662 Datasheet HTML 20Page - Analog Devices LTC2662 Datasheet HTML 21Page - Analog Devices LTC2662 Datasheet HTML 22Page - Analog Devices LTC2662 Datasheet HTML 23Page - Analog Devices LTC2662 Datasheet HTML 24Page - Analog Devices LTC2662 Datasheet HTML 25Page - Analog Devices LTC2662 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
LTC2662
22
Rev 0
For more information www.analog.com
OPERATION
The internal toggle-update circuit is edge triggered, so
only transitions (of TGB or TGP) trigger an update from
the respective input register.
To toggle all selected channels together using the SPI
port, ensure the TGP pin is high and that the bits in the
toggle select register corresponding to the desired chan-
nels are also high. Use the global command (1101b) to
alternate codes, sequentially changing the global toggle
bit TGB (see Figure 8). Changing TGB from 1 to 0 updates
the DAC registers from their respective input registers
A. Changing TGB from 0 to 1 updates the DAC registers
from their respective input registers B. Note that in this
way up to 5 channels may be toggled with just one serial
command.
To toggle all selected channels using an external logic
signal, ensure that the TGB bit in the global toggle register
is high and that in the toggle select register, the bits cor-
responding to the desired channels are also high. Apply
a clock or logic signal to the TGP pin to alternate codes.
TGP falling edges update the DAC registers from their
associated input registers A. TGP rising edges update
the DAC registers from their associated input registers B.
Note that once the input registers are set up, all toggling
is triggered by the signal applied to the TGP pin, with no
further SPI instructions needed.
To cause any combination of channels to update from
either input register A or B, ensure the TGP pin is high
and that the TGB bit in the global toggle register is also
high. Using the toggle select command set the toggle
2662 F09
LTC2662
CHANNEL 3
LOGIC
WR
UPD
TOGGLE
SELECT
REGISTER
GLOBAL TOGGLE
BIT (TGB)
TGP
CS/LD
SCK
SDI
LDAC
TGB
TOGGLE SELECT BIT T3
7
3
5
6
2
INPUT REGISTER B
(16-BIT)
INPUT REGISTER A
(16-BIT)
A/B
MUX
DAC REGISTER
16
16
16
16
0
1
16-BIT
32-BIT SHIFT REGISTER
Figure 9. Conceptual Block Diagram—Toggle Functionality



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com