Electronic Components Datasheet Search
  English  ▼

X  

LTC2662 Datasheet(PDF) 11 Page - Analog Devices

Part # LTC2662
Description  Five-Channel Current-Source- Output 16-Bit SoftSpan DACs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2662 Datasheet(HTML) 11 Page - Analog Devices

Back Button LTC2662 Datasheet HTML 7Page - Analog Devices LTC2662 Datasheet HTML 8Page - Analog Devices LTC2662 Datasheet HTML 9Page - Analog Devices LTC2662 Datasheet HTML 10Page - Analog Devices LTC2662 Datasheet HTML 11Page - Analog Devices LTC2662 Datasheet HTML 12Page - Analog Devices LTC2662 Datasheet HTML 13Page - Analog Devices LTC2662 Datasheet HTML 14Page - Analog Devices LTC2662 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
LTC2662
11
Rev 0
For more information www.analog.com
PIN FUNCTIONS
GND (Pins 1, 8, 14, 32): Ground. These pins and the
exposed pad (pin 33) must be tied directly to a solid
ground plane.
TGP (Pin 2): Asynchronous Toggle Pin. A falling edge
updates the DAC register with data from input register
A. A rising edge updates the DAC register with data from
input register B. Toggle operations only affect those DAC
channels with their toggle select bit (Tx) set to 1. Tie
the TGP pin to IOVCC if toggle operations are to be done
through software. Tie the TGP pin to GND if not using
toggle operations. Logic levels are determined by IOVCC.
SDI (Pin 3): Serial Data Input. Data on SDI is clocked into
the DAC on the rising edge of SCK. The LTC2662 accepts
input word lengths of either 24 or 32 bits. Logic levels are
determined by IOVCC.
SDO (Pin 4): Serial Data Output. The serial output of the
32-bit shift register appears at the SDO pin. The data
transferred to the device via the SDI pin is delayed 32
SCK rising edges before being output at the next falling
edge. Can be used for data echo readback or daisy-chain
operation. The SDO pin becomes high impedance when
CS/LD is high. Logic levels are determined by IOVCC.
SCK (Pin 5): Serial Clock Input. Logic levels are deter-
mined by IOVCC.
CS/LD (Pin 6): Serial Interface Chip Select/Load Input.
When CS/LD is low, SCK is enabled for shifting SDI data
into the register. In addition, SDO is enabled when CS/
LD is low. When CS/LD is taken high, SDO and SCK are
disabled and the specified command (see Table 1) is
executed. Logic levels are determined by IOVCC.
LDAC (Pin 7): Active Low Asynchronous DAC Update Pin.
This pin allows updates independent of SPI timing. If
CS/LD is high, a falling edge on LDAC updates all DAC
registers with the contents of the input registers. LDAC is
gated by CS/LD and has no effect if CS/LD is low. Logic
levels are determined by IOVCC.
If not used, tie LDAC to IOVCC.
REFLO (Pin 9): Reference Low. Signal ground for the ref-
erence. Tie directly to GND.
REF (Pin 10): Reference Input/Output. The voltage at the
REF pin proportionally scales the full-scale output current
of each DAC output channel. By default, the internal 1.25V
reference is routed to this pin. This pin must be buffered
when driving external DC load currents. If the reference is
disabled (see Reference Modes in the Operation section),
its output is disconnected and the REF pin becomes a
high impedance input which will accept a precision exter-
nal reference. For low noise and reference stability, tie a
capacitor from this pin to GND. The value must be less
than CREFCOMP, where CREFCOMP is the capacitance tied to
the REFCOMP pin. The allowable external reference input
range is 1.225V to 1.275V.
REFCOMP (Pin 11): Internal Reference Compensation Pin.
For low noise and reference stability, tie a 0.1µF capacitor
from this pin to GND. Tying REFCOMP to GND causes
the part to power up with the internal reference disabled,
allowing the use of an external reference at start-up.
FSADJ (Pin 12): Full-Scale current Adjust pin. This pin
can be used in one of two ways to produce either nomi-
nal, internally-calibrated output ranges, or incrementally-
tunable ranges. In either case, the reference voltage VREF
is forced across a resistor RFSADJ to define a reference
current that scales the outputs for all ranges and chan-
nels. Full-scale currents are proportional to the voltage at
REF (pin 10) and inversely proportional to RFSADJ.
If FSADJ is tied to VCC, an internal RFSADJ (20k) is selected,
resulting in nominal output ranges. An external resistor
of 19k to 41k can be used instead by simply connect-
ing the resistor between FSADJ and GND. In this case
the external resistor controls the scaling of ranges, and
the internal resistor is automatically disconnected. See
Table 3 for details.
When using an external resistor, FSADJ is sensitive to
stray capacitance; the pin should be compensated with
a snubber network consisting of a series combination of
1k and 1µF, connected in parallel to RFSADJ. With the rec-
ommended compensation, the pin is stable driving stray
capacitance of up to 50pF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com