Electronic Components Datasheet Search
  English  ▼

X  

LTC2662 Datasheet(PDF) 6 Page - Analog Devices

Part # LTC2662
Description  Five-Channel Current-Source- Output 16-Bit SoftSpan DACs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2662 Datasheet(HTML) 6 Page - Analog Devices

Back Button LTC2662 Datasheet HTML 2Page - Analog Devices LTC2662 Datasheet HTML 3Page - Analog Devices LTC2662 Datasheet HTML 4Page - Analog Devices LTC2662 Datasheet HTML 5Page - Analog Devices LTC2662 Datasheet HTML 6Page - Analog Devices LTC2662 Datasheet HTML 7Page - Analog Devices LTC2662 Datasheet HTML 8Page - Analog Devices LTC2662 Datasheet HTML 9Page - Analog Devices LTC2662 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
LTC2662
6
Rev 0
For more information www.analog.com
REFERENCE CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
junction temperature range, otherwise specifications are at TJ = 25°C. VCC = IOVCC = 5V; V– = –5V; VDD0-4 = 5V, V+ = 5V, FSADJ = VCC
unless otherwise specified.
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VREF
Reference Output Voltage
1.248
1.25
1.252
V
VREF Temperature Coefficient
(Note 7)
±3
±10
ppm/°C
VREF Line Regulation
VCC = 5V ±10%
50
µV/V
VREF Short-Circuit Current
VCC = 5.5V, Forcing Output to GND
2.5
mA
REFCOMP Pin Short-Circuit Current
VCC = 5.5V, Forcing Output to GND
65
µA
VREF Load Regulation
VCC = 5V ±10%, IREF = 100µA Sourcing
140
mV/mA
VREF Output Voltage Noise Density
CREFCOMP = CREF = 0.1µF, at f = 10kHz
32
nV/√Hz
VREF Input Voltage Range
External Reference Mode
l
1.225
1.275
V
VREF Input Current
External Reference Mode
l
0.001
1
µA
VREF Input Capacitance
(Note 8)
40
pF
RFSADJ
External Full-Scale Adjust Gain Resistor
RFSADJ to GND
l
19
20
50
kΩ
DIGITAL INPUTS AND DIGITAL OUTPUTS The
l
denotes the specifications which apply over the
full operating junction temperature range, otherwise specifications are at TJ = 25°C. VCC = IOVCC = 5V; V– = –5V; VDD0-4 = 5V, V+ = 5V,
FSADJ = VCC unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Digital I/O
VOH
Digital Output High Voltage
SDO Pin, Load Current = –100µA
l
IOVCC – 0.2
V
VOL
Digital Output Low Voltage
SDO Pin, Load Current = 100µA
FAULT Pin, Load Current = 100µA
l
l
0.2
0.2
V
V
Digital Hi-Z Output Leakage Current SDO Pin Leakage Current (CS/LD High)
FAULT Pin Leakage Current (Not Asserted)
l
l
±1
1
µA
µA
Digital Input Current
VIN = GND to IOVCC
l
±1
μA
CIN
Digital Input Capacitance
(Note 8)
l
8
pF
IOVCC = 2.85 to VCC
VIH
High Level Input Voltage
l
0.8 • IOVCC
V
VIL
Low Level Input Voltage
l
0.5
V
IOVCC = 1.71V to 2.85V
VIH
High Level Input Voltage
l
0.8 • IOVCC
V
VIL
Low Level Input Voltage
l
0.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com