Electronic Components Datasheet Search
  English  ▼

X  

LTC2662 Datasheet(PDF) 12 Page - Analog Devices

Part # LTC2662
Description  Five-Channel Current-Source- Output 16-Bit SoftSpan DACs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2662 Datasheet(HTML) 12 Page - Analog Devices

Back Button LTC2662 Datasheet HTML 8Page - Analog Devices LTC2662 Datasheet HTML 9Page - Analog Devices LTC2662 Datasheet HTML 10Page - Analog Devices LTC2662 Datasheet HTML 11Page - Analog Devices LTC2662 Datasheet HTML 12Page - Analog Devices LTC2662 Datasheet HTML 13Page - Analog Devices LTC2662 Datasheet HTML 14Page - Analog Devices LTC2662 Datasheet HTML 15Page - Analog Devices LTC2662 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
LTC2662
12
Rev 0
For more information www.analog.com
VCC (Pin 13): Analog Supply Voltage. 2.85V ≤ VCC ≤ 5.5V.
Bypass to GND with a 1µF capacitor.
V– (Pins 15, 26): Negative Supply Voltage. –15.75V ≤ V–
≤ GND. Bypass to GND with a 1µF capacitor unless V– is
connected to GND.
OUT0 to OUT4 (Pins 24, 23, 20, 19, 16): DAC Analog
Current Outputs. Each current output pin has a dedicated
analog supply pin VDD0 to VDD4. The operational voltage
level range at these pins is V– ≤ VOUTX ≤ VDDX.
VDD0 to VDD4 (Pins 25, 22, 21, 18, 17): Output Supply
Voltages. 2.85V ≤ VDD0-4 ≤ V+. These five positive sup-
ply inputs provide independent supplies for each of the
five DAC current output pins OUT0 to OUT4 respectively.
Bypass each supply input to GND separately with a 1µF
capacitor.
V+ (Pin 27): Positive Supply Voltage. 2.85V ≤ V+ ≤ V–
+ 33V. V+ must always be greater than or equal to the
largest of the five DAC positive supply voltages VDD0-4
and VCC. The supply voltage difference (V+ – V–) can-
not exceed 33V maximum. Bypass to GND with a 1µF
capacitor.
PIN FUNCTIONS
MUX (Pin 28): Analog Multiplexer Output. Pin voltages
and currents can be monitored by measuring the volt-
age at the MUX pin. When the mux is disabled, this pin
becomes high impedance. The available mux selections
are given in Table 4.
IOVCC (Pin 29): Digital Input/Output Supply Voltage.
1.71V ≤ IOVCC ≤ VCC + 0.3V. Bypass to GND with a 0.1µF
capacitor.
FAULT (Pin 30): Active-Low Fault Detection Pin. This
open-drain N-channel output pulls low when any valid
fault condition is detected. This pin is released on the next
CS/LD rising edge. A pull-up resistor is required.
CLR (Pin 31): Active-Low Asynchronous Clear Input. A
logic low at this level-triggered input clears the part to the
default reset code and output range which is zero-scale
and high impedance (Hi-Z) outputs. The control registers
are cleared to zero. Logic levels are determined by IOVCC.
EXPOSED PAD (Pin 33): Ground. Solder this pad directly
to the analog ground plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com