Electronic Components Datasheet Search
  English  ▼

X  

LTC2662 Datasheet(PDF) 1 Page - Analog Devices

Part # LTC2662
Description  Five-Channel Current-Source- Output 16-Bit SoftSpan DACs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2662 Datasheet(HTML) 1 Page - Analog Devices

  LTC2662 Datasheet HTML 1Page - Analog Devices LTC2662 Datasheet HTML 2Page - Analog Devices LTC2662 Datasheet HTML 3Page - Analog Devices LTC2662 Datasheet HTML 4Page - Analog Devices LTC2662 Datasheet HTML 5Page - Analog Devices LTC2662 Datasheet HTML 6Page - Analog Devices LTC2662 Datasheet HTML 7Page - Analog Devices LTC2662 Datasheet HTML 8Page - Analog Devices LTC2662 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
LTC2662
1
Rev 0
For more information www.analog.com
BLOCK DIAGRAM
FEATURES
DESCRIPTION
Five-Channel, 300mA Current-Source-
Output 16-Bit SoftSpan DACs
The LTC®2662 is a family of five-channel, 16-bit current-
source digital-to-analog converters, providing five high-
compliance current source outputs with guaranteed 1V
dropout at 200mA. The part supports load voltages of up
to 32V. There are eight current ranges, programmable per
channel, with full-scale outputs of up to 300mA; and the
channels can be paralleled to allow for ultrafine adjust-
ments of large currents, or for combined outputs of up
to 1.5A.
A dedicated supply pin is provided for every output chan-
nel. Each can be operated from 2.85V to 33V, and internal
switches allow any output to be pulled to the optional
negative supply.
The LTC2662 includes a precision integrated 1.25V ref-
erence (10ppm/°C maximum), with the option to use an
external reference.
The SPI/Microwire-compatible 3-wire serial interface
operates on logic levels as low as 1.71V at clock rates
up to 50MHz.
All registered trademarks and trademarks are the property of their respective owners.
Current Noise Density vs Frequency
APPLICATIONS
n
Per-Channel Programmable Output Ranges:
300mA, 200mA, 100mA, 50mA, 25mA,
12.5mA,6.25mA and 3.125mA
n
Flexible 2.85V to 33V Supply Voltage
n
1V Dropout Guaranteed
n
Separate Voltage Supply per Output Channel
n
Internal Switches to Optional Negative Supply
n
Full 16-Bit Resolution at All Ranges
n
Guaranteed Operation –40°C to 125°C
n
Precision (10ppm/°C Max) Internal Reference or
External Reference Input
n
Analog Mux Monitors Voltages and Currents
n
A/B Toggle via SPI or Dedicated Pin
n
1.8V to 5V SPI Serial Interface
n
5mm × 5mm 32-Lead QFN Package
n
Tunable Lasers
n
Semiconductor Optical Amplifiers
n
Resistive Heaters
n
Current Mode Biasing
n
Proportional Solenoid Drive
24
25
23
22
20
19
18
16
17
30
29
6
5
3
4
7
31
2
28
27
10
12
9
11
13
21
DAC0
VDD0
OUT0
FULL SCALE
ADJUST
INTERNAL
REFERENCE
ANALOG
MUX
SPAN0
SERIAL
INTERFACE
VDD1
OUT1
VDD2
OUT2
VDD3
OUT3
VDD4
OUT4
2662 TA01a
FAULT
FAULT
DETECT
CS/LD
IOVCC
SCK
SDI
SDO
LDAC
CLR
TGP
MUX
V+
V–
15, 26
REF
FSADJ
REFLO
REFCOMP
VCC
GND
1, 8, 14, 32
DAC1
SPAN1
DAC2
SPAN2
DAC3
SPAN3
DAC4
SPAN4
V–
V–
V–
V–
V–
CURRENT NOISE IN RLOAD ( = 4Ω)
(CL PARALLEL TO RLOAD)
CL = 10µF AND CL=1µF TRACES CALCULATED
FROM CL=0 MEASUREMENTS
CL=0
CL=1µF
CL=10µF
FREQUENCY (Hz)
10
100
1k
10k
100k
1M
10M
0
10
20
30
40
50
60
70
80
2662 TA01b
Document Feedback


Similar Part No. - LTC2662

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2664 LINER-LTC2664 Datasheet
1Mb / 28P
Quad 16-Bit/12-Bit 짹10V VOUT SoftSpan DACs with 10ppm/째C Max Reference
LTC2666 LINER-LTC2666 Datasheet
1Mb / 28P
Quad 16-Bit/12-Bit 짹10V VOUT SoftSpan DACs with 10ppm/째C Max Reference
LTC2666 LINER-LTC2666 Datasheet
1Mb / 28P
Octal 16-Bit/12-Bit 짹10V VOUT SoftSpan DACs with 10ppm/째C Max Reference
LTC2668 LINER-LTC2668 Datasheet
2Mb / 40P
16-Bit, 1Msps 8-Channel Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
LTC2668 LINER-LTC2668 Datasheet
2Mb / 40P
18-Bit, 1Msps 8-Channel Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
More results

Similar Description - LTC2662

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2753 LINER-LTC2753 Datasheet
285Kb / 24P
Dual Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC1588 LINER-LTC1588 Datasheet
276Kb / 16P
12-/14-/16-Bit SoftSpan DACs with Programmable Output Range
LTC2755 LINER-LTC2755 Datasheet
431Kb / 24P
Quad Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC1588 LINER-LTC1588_15 Datasheet
282Kb / 16P
12-/14-/16-Bit SoftSpan DACs with Programmable Output Range
LTC1592 LINER-LTC1592_15 Datasheet
282Kb / 16P
12-/14-/16-Bit SoftSpan DACs with Programmable Output Range
LTC2751 LINER-LTC2751_15 Datasheet
307Kb / 22P
Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC2753 LINER-LTC2753_15 Datasheet
291Kb / 24P
Dual Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC2755 LINER-LTC2755_15 Datasheet
429Kb / 24P
Quad Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC2754 LINER-LTC2754_15 Datasheet
507Kb / 28P
Quad 12-/16-Bit SoftSpan IOUT DACs
logo
Analog Devices
LTC2672 AD-LTC2672 Datasheet
541Kb / 26P
Five-Channel, Low Dropout, 300 mA, Current Source Output, 16-Bit SoftSpan DAC
12/2020-Revision 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com