Electronic Components Datasheet Search
  English  ▼

X  

LTC2662 Datasheet(PDF) 26 Page - Analog Devices

Part # LTC2662
Description  Five-Channel Current-Source- Output 16-Bit SoftSpan DACs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2662 Datasheet(HTML) 26 Page - Analog Devices

Back Button LTC2662 Datasheet HTML 20Page - Analog Devices LTC2662 Datasheet HTML 21Page - Analog Devices LTC2662 Datasheet HTML 22Page - Analog Devices LTC2662 Datasheet HTML 23Page - Analog Devices LTC2662 Datasheet HTML 24Page - Analog Devices LTC2662 Datasheet HTML 25Page - Analog Devices LTC2662 Datasheet HTML 26Page - Analog Devices LTC2662 Datasheet HTML 27Page - Analog Devices LTC2662 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
LTC2662
26
Rev 0
For more information www.analog.com
OPERATION
Offset Current and Code Zero
The offset current error of the LTC2662 is guaranteed
±0.4%FSR maximum. If the offset of a given channel is
positive, some nonzero current flows at code zero; if nega-
tive, the current is zero (leakage only) for a range of codes
close to zero. Offset and linearity endpoints are measured
at code 384, guaranteeing that the DAC is operating with
a measurable output current at the point of measurement.
A channel with a positive offset error may not completely
turn off, even at code zero. To turn an output completely
off, set the range to “Hi-Z” (span code 0000b from
Table 3), and update the channel.
Reference Modes
The LTC2662 can be used with either an internal or exter-
nal reference. As with voltage DACs, the reference voltage
scales the outputs, so that the outputs reflect any errors
in the reference. Full scale output currents are limited to
300mA maximum per channel regardless of reference
voltage.
The internal 1.25V reference has a typical temperature
drift of ±2ppm/°C and an initial output tolerance of ±2mV
max. It is trimmed, tested and characterized independent
of the DACs; and the DACs are tested and characterized
with an “ideal” external reference.
To use the internal reference, the REFCOMP pin should be
left floating, with no DC path to GND. In addition, the RD
bit in the Config register must have a value of 0. This value
is reset to 0 at power-up, or it can be reset using the config
command, 0111b. Figure 9 shows the command syntax.
For reference stability and low noise, a 0.1μF capacitor
should be tied between REFCOMP and GND. In this con-
figuration, the internal reference can drive up to 0.1μF
with excellent stability. To ensure stable operation, the
capacitive load on the REF pin should not exceed that on
the REFCOMP pin. A buffer is needed if the internal refer-
ence is to drive external circuitry.
To use an external reference, tie the REFCOMP pin to GND.
This disables the output of the internal reference at start-
up, so that the REF pin becomes a high-impedance input.
Apply the reference voltage at the REF pin after powering
up. Set the RD bit to 1 using the config command, 0111b.
The REF input voltage range is 1.225V to 1.275V.
Board Layout
The excellent load regulation and DC crosstalk perfor-
mance of these devices is achieved in part by minimizing
common-mode resistance of signal and power grounds.
As with any high resolution converter, clean board ground-
ing is important. A low impedance analog ground plane
is necessary, as are star-grounding techniques. Keep the
board layer used for star-ground continuous to minimize
ground resistances; that is, use the star-ground concept
without using separate star traces. Resistance from the
REFLO pin to the star point should be as low as possible.
The exposed pad (Pin 33) is recommended as the star
ground point.
For best performance, stitch the ground plane with arrays
of vias on 150 to 200 mil centers connecting it with the
ground pours from the other board layers. This reduces
the overall ground resistance and minimizes ground loop
area.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com