Electronic Components Datasheet Search
  English  ▼

X  

LTC2662 Datasheet(PDF) 10 Page - Analog Devices

Part # LTC2662
Description  Five-Channel Current-Source- Output 16-Bit SoftSpan DACs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2662 Datasheet(HTML) 10 Page - Analog Devices

Back Button LTC2662 Datasheet HTML 6Page - Analog Devices LTC2662 Datasheet HTML 7Page - Analog Devices LTC2662 Datasheet HTML 8Page - Analog Devices LTC2662 Datasheet HTML 9Page - Analog Devices LTC2662 Datasheet HTML 10Page - Analog Devices LTC2662 Datasheet HTML 11Page - Analog Devices LTC2662 Datasheet HTML 12Page - Analog Devices LTC2662 Datasheet HTML 13Page - Analog Devices LTC2662 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
LTC2662
10
Rev 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Dropout Voltage
vs Code, 200mA Range
Dropout vs Total Supply Voltage
Mid–Scale Glitch
DAC–to–DAC Crosstalk (Falling)
DAC–to–DAC Crosstalk (Rising)
Current Noise Density
vs Frequency
Large Signal Response
0.731V
0.538V
0.353V
0.174V
CODE 65535
CODE 49152
CODE 32768
CODE 16384
DROPOUT VOLTAGE VDDX-VOUTX (V)
0
0.25
0.50
0.75
1
1.25
1.50
0
25
50
75
100
125
150
175
200
225
250
2662 G10
200mA RANGE
IOUTX = 200mA
TOTAL SUPPLY VDDX-V–(V)
0
5
10
15
20
25
30
35
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
2662 G11
IOUTX: 100mA
RANGE: 200mA
RLOAD = 4Ω
180pA–s TYP
1µs/DIV
IOUTX
250µA/DIV
2662 G12
data0
data1
CH1: 200mA RANGE, IOUT1 = 100mA
CH0: 200mA RANGE, 200mA TO 100mA STEP
[FALLING TRANSITION]
ALL CHANNELS RLOAD=15Ω, CLOAD=0
INTERNAL REFERENCE
CREF, CREFCOMP: 0.1µF
50pA–s TYP
2µs/DIV
IOUT1
100µA/DIV
CS/LD
2662 G13
data0
data1
CH1: 200mA RANGE, IOUT1 = 100mA
CH0: 200mA RANGE, 100mA TO 200mA STEP
[RISING TRANSITION]
ALL CHANNELS RLOAD = 15Ω, CLOAD = 0
150pA–s TYP
INTERNAL REFERENCE
CREF, CREFCOMP: 0.1µF
2µs/DIV
IOUT1
100µA/DIV
CS/LD
2662 G14
CURRENT NOISE IN RLOAD ( = 4Ω)
(CL PARALLEL TO RLOAD)
CL = 10µF AND CL=1µF TRACES CALCULATED
FROM CL=0 MEASUREMENTS
CL=0
CL=1µF
CL=10µF
FREQUENCY (Hz)
10
100
1k
10k
100k
1M
10M
0
10
20
30
40
50
60
70
80
2662 G15
200mA RANGE; RLOAD = 15Ω
5µs/DIV
2662 G18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com