Electronic Components Datasheet Search
  English  ▼

X  

ES8288 Datasheet(PDF) 5 Page - Suzhou Everest Semiconductor Co. Ltd.

Part # ES8288
Description  Low Power Stereo Audio ADC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVEREST [Suzhou Everest Semiconductor Co. Ltd.]
Direct Link  http://www.everest-semi.com/en_index.html
Logo EVEREST - Suzhou Everest Semiconductor Co. Ltd.

ES8288 Datasheet(HTML) 5 Page - Suzhou Everest Semiconductor Co. Ltd.

  ES8288 Datasheet HTML 1Page - Suzhou Everest Semiconductor Co. Ltd. ES8288 Datasheet HTML 2Page - Suzhou Everest Semiconductor Co. Ltd. ES8288 Datasheet HTML 3Page - Suzhou Everest Semiconductor Co. Ltd. ES8288 Datasheet HTML 4Page - Suzhou Everest Semiconductor Co. Ltd. ES8288 Datasheet HTML 5Page - Suzhou Everest Semiconductor Co. Ltd. ES8288 Datasheet HTML 6Page - Suzhou Everest Semiconductor Co. Ltd. ES8288 Datasheet HTML 7Page - Suzhou Everest Semiconductor Co. Ltd. ES8288 Datasheet HTML 8Page - Suzhou Everest Semiconductor Co. Ltd. ES8288 Datasheet HTML 9Page - Suzhou Everest Semiconductor Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
Everest Semiconductor
ES8288
Revision 6.0
November 2016
5
PIN
NAME
I/O
DESCRIPTION
1
MCLK
I
Master clock
2
DVDD
Supply
Digital core supply
3
PVDD
Supply
Digital IO supply
4
DGND
Supply
Digital ground (return path for both DVDD and PVDD)
5
SCLK
I/O
Audio data bit clock
6
DGND
I
Connect to ground
7
LRCK
I
ADC audio data left and right clock
8
ASDOUT
O
ADC audio data
9
NC
NC
No connect
10
NC
NC
No connect
11
NC
NC
No connect
12
NC
NC
No connect
13
AGND
Supply
Analog ground
14
NC
NC
No connect
15
NC
NC
No connect
16
NC
NC
No connect
17
AVDD
Supply
Analog supply
18
AGND
Supply
Analog ground
19
ADCVREF
O
Decoupling capacitor
20
VMID
O
Decoupling capacitor
21
RIN2
I
Right channel input 2
22
LIN2
I
Left channel input 2
23
RIN1
I
Right channel input 1
24
LIN1
I
Left channel input 1
25
NC
NC
No connect
26
CE
I
Control select or device address selection
27
CDATA
I/O
Control data input or output
28
CCLK
I
Control clock input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com