Electronic Components Datasheet Search
  English  ▼

X  

ES8288 Datasheet(PDF) 17 Page - Suzhou Everest Semiconductor Co. Ltd.

Part # ES8288
Description  Low Power Stereo Audio ADC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVEREST [Suzhou Everest Semiconductor Co. Ltd.]
Direct Link  http://www.everest-semi.com/en_index.html
Logo EVEREST - Suzhou Everest Semiconductor Co. Ltd.

ES8288 Datasheet(HTML) 17 Page - Suzhou Everest Semiconductor Co. Ltd.

Back Button ES8288 Datasheet HTML 13Page - Suzhou Everest Semiconductor Co. Ltd. ES8288 Datasheet HTML 14Page - Suzhou Everest Semiconductor Co. Ltd. ES8288 Datasheet HTML 15Page - Suzhou Everest Semiconductor Co. Ltd. ES8288 Datasheet HTML 16Page - Suzhou Everest Semiconductor Co. Ltd. ES8288 Datasheet HTML 17Page - Suzhou Everest Semiconductor Co. Ltd. ES8288 Datasheet HTML 18Page - Suzhou Everest Semiconductor Co. Ltd. ES8288 Datasheet HTML 19Page - Suzhou Everest Semiconductor Co. Ltd. ES8288 Datasheet HTML 20Page - Suzhou Everest Semiconductor Co. Ltd. ES8288 Datasheet HTML 21Page - Suzhou Everest Semiconductor Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
Everest Semiconductor
ES8288
Revision 6.0
November 2016
17
6.2.11 Register 19 – ADC Control 11, Default 1011 0000
Bit Name
Bit
Description
ALCLVL
7:4
ALC target
0000 – –22.5dBFS
0001 – –21.0dBFS
……
1100 – –4.5dBFS
1101 – –3dBFS
1110 – –1.5dBFS
1111 – –1.5dBFS
ALCHLD
3:0
ALC hold time before gain is increased
0000 – 0ms
0001 – 2.67ms
0010 – 5.33ms
…… (time doubles with every step)
1001 – 0.68s
1010 or higher – 1.36s
6.2.12 Register 20 – ADC Control 12, Default 0011 0010
Bit Name
Bit
Description
ALCDCY
7:4
ALC decay (gain ramp up) time, ALC mode/limiter mode:
0000 – 410 us/90.8 us
0001 – 820 us/182us
0010 – 1.64 ms/363us
…… (time doubles with every step)
1001 – 210 ms/46.5 ms
1010 or higher – 420 ms/93 ms
ALCATK
3:0
ALC attack (gain ramp down) time, ALC mode/limiter mode:
0000 – 104 us/22.7 us
0001 – 208 us/45.4 us
0010 – 416 us/90.8 us
…… (time doubles with very step)
1001 – 53.2 ms/11.6 ms
1010 or higher – 106 ms/23.2 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com