Electronic Components Datasheet Search
  English  ▼

X  

ES8288 Datasheet(PDF) 12 Page - Suzhou Everest Semiconductor Co. Ltd.

Part # ES8288
Description  Low Power Stereo Audio ADC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVEREST [Suzhou Everest Semiconductor Co. Ltd.]
Direct Link  http://www.everest-semi.com/en_index.html
Logo EVEREST - Suzhou Everest Semiconductor Co. Ltd.

ES8288 Datasheet(HTML) 12 Page - Suzhou Everest Semiconductor Co. Ltd.

Back Button ES8288 Datasheet HTML 8Page - Suzhou Everest Semiconductor Co. Ltd. ES8288 Datasheet HTML 9Page - Suzhou Everest Semiconductor Co. Ltd. ES8288 Datasheet HTML 10Page - Suzhou Everest Semiconductor Co. Ltd. ES8288 Datasheet HTML 11Page - Suzhou Everest Semiconductor Co. Ltd. ES8288 Datasheet HTML 12Page - Suzhou Everest Semiconductor Co. Ltd. ES8288 Datasheet HTML 13Page - Suzhou Everest Semiconductor Co. Ltd. ES8288 Datasheet HTML 14Page - Suzhou Everest Semiconductor Co. Ltd. ES8288 Datasheet HTML 15Page - Suzhou Everest Semiconductor Co. Ltd. ES8288 Datasheet HTML 16Page - Suzhou Everest Semiconductor Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
Everest Semiconductor
ES8288
Revision 6.0
November 2016
12
1 – resets ADC DEM, filter and serial data port (default)
adc_stm_rst
5
0 – normal (default)
1 – reset ADC state machine to power down state
ADCDLL_PDN
3
0 – normal (default)
1 – ADC_DLL power down, stop ADC clock
adcVref_PDN
1
0 – ADC analog reference power up
1 – ADC analog reference power down (default)
6.1.4
Register 3 – ADC Power Management, Default 1111 1100
Bit Name
Bit
Description
PdnAINL
7
0 – normal
1 – left analog input power down (default)
PdnAINR
6
0 – normal
1 – right analog input power down (default)
PdnADCL
5
0 – left ADC power up
1 – left ADC power down (default)
PdnADCR
4
0 – right ADC power up
1 – right ADC power down (default)
PdnMICB
3
0 – microphone bias power on
1 – microphone bias power down (high impedance output, default)
PdnADCBiasgen
2
0 – normal
1 – power down (default)
flashLP
1
0 – normal (default)
1 – flash ADC low power
int1LP
0
0 – normal (default)
1 – int1 low power
6.1.5
Register 5 – Chip Low Power 1, Default 0000 0000
Bit Name
Bit
Description
OC[2]
4
0 – over current setting (default)
1 – over current setting
OC[3]
2
0 – over current setting (default)
1 – over current setting
6.1.6
Register 6 – Chip Low Power 2, Default 0000 0000
Bit Name
Bit
Description
LPPGA
7
0 – normal (default)
1 – low power
LPADCvrp
1
0 – normal (default)
1 – low power
6.1.7
Register 7 – Analog Voltage Management, Default 0111 1100
Bit Name
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com