Electronic Components Datasheet Search
  English  ▼

X  

ES8288 Datasheet(PDF) 16 Page - Suzhou Everest Semiconductor Co. Ltd.

Part # ES8288
Description  Low Power Stereo Audio ADC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVEREST [Suzhou Everest Semiconductor Co. Ltd.]
Direct Link  http://www.everest-semi.com/en_index.html
Logo EVEREST - Suzhou Everest Semiconductor Co. Ltd.

ES8288 Datasheet(HTML) 16 Page - Suzhou Everest Semiconductor Co. Ltd.

Back Button ES8288 Datasheet HTML 12Page - Suzhou Everest Semiconductor Co. Ltd. ES8288 Datasheet HTML 13Page - Suzhou Everest Semiconductor Co. Ltd. ES8288 Datasheet HTML 14Page - Suzhou Everest Semiconductor Co. Ltd. ES8288 Datasheet HTML 15Page - Suzhou Everest Semiconductor Co. Ltd. ES8288 Datasheet HTML 16Page - Suzhou Everest Semiconductor Co. Ltd. ES8288 Datasheet HTML 17Page - Suzhou Everest Semiconductor Co. Ltd. ES8288 Datasheet HTML 18Page - Suzhou Everest Semiconductor Co. Ltd. ES8288 Datasheet HTML 19Page - Suzhou Everest Semiconductor Co. Ltd. ES8288 Datasheet HTML 20Page - Suzhou Everest Semiconductor Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
Everest Semiconductor
ES8288
Revision 6.0
November 2016
16
6.2.8
Register 16 – ADC Control 8, Default 1100 0000
Bit Name
Bit
Description
LADCVOL
7:0
Digital volume control attenuates the signal in 0.5 dB incremental from 0 to –96 dB.
00000000 – 0 dB
00000001 – -0.5 dB
00000010 – -1 dB
…
11000000 – -96 dB (default)
6.2.9
Register 17 – ADC Control 9, Default 1100 0000
Bit Name
Bit
Description
RADCVOL
7:0
Digital volume control attenuates the signal in 0.5 dB incremental from 0 to –96 dB.
00000000 – 0 dB
00000001 – -0.5 dB
00000010 – -1 dB
…
11000000 – -96 dB (default)
6.2.10 Register 18 – ADC Control 10, Default 0011 1000
Bit Name
Bit
Description
ALCSEL
7:6
00 – ALC off
01 – ALC right channel only
10 – ALC left channel only
11 – ALC stereo
MAXGAIN
5:3
Set maximum gain of PGA
000 – -6.5 dB
001 – -0.5 dB
010 – 5.5 dB
011 – 11.5 dB
100 – 17.5 dB
101 – 23.5 dB
110 – 29.5 dB
111 – 35.5 dB
MINGAIN
2:0
Set minimum gain of PGA
000 – -12 dB
001 – -6 dB
010 – 0 dB
011 – +6 dB
100 – +12 dB
101 – +18 dB
110 – +24 dB
111 – +30 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com