Electronic Components Datasheet Search
  English  ▼

X  

ES8288 Datasheet(PDF) 1 Page - Suzhou Everest Semiconductor Co. Ltd.

Part # ES8288
Description  Low Power Stereo Audio ADC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVEREST [Suzhou Everest Semiconductor Co. Ltd.]
Direct Link  http://www.everest-semi.com/en_index.html
Logo EVEREST - Suzhou Everest Semiconductor Co. Ltd.

ES8288 Datasheet(HTML) 1 Page - Suzhou Everest Semiconductor Co. Ltd.

  ES8288 Datasheet HTML 1Page - Suzhou Everest Semiconductor Co. Ltd. ES8288 Datasheet HTML 2Page - Suzhou Everest Semiconductor Co. Ltd. ES8288 Datasheet HTML 3Page - Suzhou Everest Semiconductor Co. Ltd. ES8288 Datasheet HTML 4Page - Suzhou Everest Semiconductor Co. Ltd. ES8288 Datasheet HTML 5Page - Suzhou Everest Semiconductor Co. Ltd. ES8288 Datasheet HTML 6Page - Suzhou Everest Semiconductor Co. Ltd. ES8288 Datasheet HTML 7Page - Suzhou Everest Semiconductor Co. Ltd. ES8288 Datasheet HTML 8Page - Suzhou Everest Semiconductor Co. Ltd. ES8288 Datasheet HTML 9Page - Suzhou Everest Semiconductor Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
Low Power Stereo Audio ADC
Revision 6.0
November 2016
1
ES8288
GENERAL DESCRIPTION
FEATURES
ES8288 is a high performance, low
power and low cost audio ADC. It
consists of 2-ch ADC, microphone
amplifier and auto level control.
The device uses advanced multi-bit
delta-sigma modulation technique
to convert data between digital and
analog. The multi-bit delta-sigma
modulators make the device with
low sensitivity to clock jitter and low
out of band noise.
ADC
•
24-bit, 8 kHz to 96 kHz sampling frequency
•
95 dB dynamic range, 95 dB signal to noise ratio,
-85 dB THD+N
•
Stereo or mono microphone interface with
microphone amplifier
•
Auto level control and noise gate
•
2-to-1 analog input selection
Low Power
•
1.8V to 3.3V operation
•
9 mW recording
System
•
I
2C or SPI uC interface
•
256Fs, 384Fs, USB 12 MHz or 24 MHz
•
Master or slave serial port
•
I
2S, Left Justified, DSP/PCM Mode
APPLICATIONS
ORDERING INFORMATION
•
Portable audio recording
ES8288 -40°C ~ +85°C
QFN-28


Similar Part No. - ES8288

ManufacturerPart #DatasheetDescription
logo
Suzhou Everest Semicond...
ES8218E EVEREST-ES8218E Datasheet
678Kb / 12P
Low Power Audio ADC
More results

Similar Description - ES8288

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UDA1360TS PHILIPS-UDA1360TS Datasheet
84Kb / 16P
Low-voltage low-power stereo audio ADC
2000 Feb 08
logo
Wolfson Microelectronic...
WM8739 WOLFSON-WM8739 Datasheet
349Kb / 35P
STEREO AUDIO ADC
logo
Texas Instruments
TLV320ADC3101 TI-TLV320ADC3101 Datasheet
1Mb / 84P
Low Power Stereo ADC for Wireless Handsets and Portable Audio
logo
Maxim Integrated Produc...
MAX98089 MAXIM-MAX98089 Datasheet
14Mb / 131P
Low-Power, Stereo Audio Codec with FlexSound Technology 93dB DR Stereo ADC
Rev 0; 6/11
logo
Wolfson Microelectronic...
WM8783 WOLFSON-WM8783 Datasheet
270Kb / 17P
Stereo Low Power 96kHz ADC
logo
Texas Instruments
TLV320ADC3101 TI1-TLV320ADC3101 Datasheet
1Mb / 92P
Low-Power Stereo ADC
logo
Suzhou Everest Semicond...
ES7240S EVEREST-ES7240S Datasheet
548Kb / 10P
High Performance Stereo Audio ADC
ES7241D EVEREST-ES7241D Datasheet
603Kb / 10P
High Performance Stereo Audio ADC
ES7243 EVEREST-ES7243 Datasheet
591Kb / 11P
High Performance Stereo Audio ADC
ES8218E EVEREST-ES8218E Datasheet
678Kb / 12P
Low Power Audio ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com