Electronic Components Datasheet Search
  English  ▼

X  

ES8288 Datasheet(PDF) 6 Page - Suzhou Everest Semiconductor Co. Ltd.

Part # ES8288
Description  Low Power Stereo Audio ADC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVEREST [Suzhou Everest Semiconductor Co. Ltd.]
Direct Link  http://www.everest-semi.com/en_index.html
Logo EVEREST - Suzhou Everest Semiconductor Co. Ltd.

ES8288 Datasheet(HTML) 6 Page - Suzhou Everest Semiconductor Co. Ltd.

Back Button ES8288 Datasheet HTML 2Page - Suzhou Everest Semiconductor Co. Ltd. ES8288 Datasheet HTML 3Page - Suzhou Everest Semiconductor Co. Ltd. ES8288 Datasheet HTML 4Page - Suzhou Everest Semiconductor Co. Ltd. ES8288 Datasheet HTML 5Page - Suzhou Everest Semiconductor Co. Ltd. ES8288 Datasheet HTML 6Page - Suzhou Everest Semiconductor Co. Ltd. ES8288 Datasheet HTML 7Page - Suzhou Everest Semiconductor Co. Ltd. ES8288 Datasheet HTML 8Page - Suzhou Everest Semiconductor Co. Ltd. ES8288 Datasheet HTML 9Page - Suzhou Everest Semiconductor Co. Ltd. ES8288 Datasheet HTML 10Page - Suzhou Everest Semiconductor Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
Everest Semiconductor
ES8288
Revision 6.0
November 2016
6
3
TYPICAL APPLICATION CIRCUIT
AVDD
I2S_MCLK
I2S_SCLK
I2S_LRCK
I2S_ASDOUT
GND
0.1uF
GND
I2C/SPI DATA
I2C/SPI CLK
4.7uF
4.7uF
MIC
1K
2K
0.1uF
+
10uF
GND
AVDD
GND
2k
4.7uF
0.1uF
4.7uF
0.01uF
0.01uF
10
4.7uF
0.1uF
GND
I2CAD0/ SPICE
Bead
4.7uF
0.1uF
0.1uF
GND
AVDD
GND
AVDD
Vin
1
Vout
3
LM1117-3.3V
GND
VCC
AVDD
+
10uF
+ 10uF
0.1uF
0.1uF
One LDO is recommended to provide power supply to ES8288
GND
GND
MCLK
1
DVDD
2
DGND
4
PVDD
3
SCLK
5
GND
6
LRCK
7
NC
16
NC
15
AVDD
17
AGND
18
VMID
20
RIN2
21
ADCVREF
19
ES8288
4.7K
4.7K
AVDD
4.7uF
4.7uF
LIN1
RIN1
GND
Pin9,pin10,pin11,pin12,pin14 and pin15 must be float, don't connect these pins to ground.
4
CLOCK MODES AND SAMPLING FREQUENCIES
According to the input serial audio data sampling frequency, the device can
work in two speed modes: single speed or double speed. The ranges of the
sampling frequency in these two modes are listed in Table 1. The device can
work either in master clock mode or slave clock mode.
In slave mode, LRCK and SCLK are supplied externally. LRCK and SCLK
must be synchronously derived from the system clock with specific rates. The
device can auto detect MCLK/LRCK ratio according to Table 1. The device
only supports the MCLK/LRCK ratios listed in Table 1. The LRCK/SCLK ratio is
normally 64.
Table 1 Slave Mode Sampling Frequencies and MCLK/LRCK Ratio
Speed Mode
Sampling Frequency
MCLK/LRCK Ratio
Single Speed
8kHz – 50kHz
256, 384, 512, 768, 1024
Double Speed
50kHz – 100kHz
128, 192, 256, 384, 512
In master mode, LRCK and SCLK are derived internally from MCLK. The
available MCLK/LRCK ratios and SCLK/LRCK ratios are listed in Table 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com