Electronic Components Datasheet Search
  English  ▼

X  

ES8288 Datasheet(PDF) 9 Page - Suzhou Everest Semiconductor Co. Ltd.

Part # ES8288
Description  Low Power Stereo Audio ADC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVEREST [Suzhou Everest Semiconductor Co. Ltd.]
Direct Link  http://www.everest-semi.com/en_index.html
Logo EVEREST - Suzhou Everest Semiconductor Co. Ltd.

ES8288 Datasheet(HTML) 9 Page - Suzhou Everest Semiconductor Co. Ltd.

Back Button ES8288 Datasheet HTML 5Page - Suzhou Everest Semiconductor Co. Ltd. ES8288 Datasheet HTML 6Page - Suzhou Everest Semiconductor Co. Ltd. ES8288 Datasheet HTML 7Page - Suzhou Everest Semiconductor Co. Ltd. ES8288 Datasheet HTML 8Page - Suzhou Everest Semiconductor Co. Ltd. ES8288 Datasheet HTML 9Page - Suzhou Everest Semiconductor Co. Ltd. ES8288 Datasheet HTML 10Page - Suzhou Everest Semiconductor Co. Ltd. ES8288 Datasheet HTML 11Page - Suzhou Everest Semiconductor Co. Ltd. ES8288 Datasheet HTML 12Page - Suzhou Everest Semiconductor Co. Ltd. ES8288 Datasheet HTML 13Page - Suzhou Everest Semiconductor Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
Everest Semiconductor
ES8288
Revision 6.0
November 2016
9
Chip Address
7 bits - 0010000
0
SPI_DIN
SPI_CLK
SPI_CSn
1
R/
Wb
5
6
7
8
9
14
15
16
17
22
23
RAM
8 bits
Register Data
8 bits
5.2
2-wire
2-wire interface is a bi-directional serial bus that uses a serial data line (SDA)
and a serial clock line (SCL) for data transfer. The timing diagram for data
transfer of this interface is given in Figure 2. Data are transmitted
synchronously to SCL clock on the SDA line on a byte-by-byte basis. Each bit
in a byte is sampled during SCL high with MSB bit being transmitted firstly.
Each transferred byte is followed by an acknowledge bit from receiver to pull
the SDA low. The transfer rate of this interface can be up to 100k bps.
A master controller initiates the transmission by sending a “start” signal, which
is defined as a high-to-low transition at SDA while SCL is high. The first byte
transferred is the slave address. It is a seven-bit chip address followed by a
RW bit. The chip address must be 001000x,where x equals AD0 (pin CE). The
RW bit indicates the slave data transfer direction. Once an acknowledge bit is
received, the data transfer starts to proceed on a byte-by-byte basis in the
direction specified by the RW bit. The master can terminate the communication
by generating a “stop” signal, which is defined as a low-to-high transition at
SDA while SCL is high.
In 2-wire interface mode, the registers can be written and read. The formats of
“write” and “read” instructions are shown in Table 3 and Table 4. Please note
that, to read data from a register, you must set R/W bit to 0 to access the
register address and then set R/W to 1 to read data from the register.
Figure 1 SPI Configuration Interface Timing Diagram
RAM = Register Address Mapping
Figure 2 Complete Data Transfer for 2-wire Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com