Electronic Components Datasheet Search
  English  ▼

X  

ES8288 Datasheet(PDF) 18 Page - Suzhou Everest Semiconductor Co. Ltd.

Part # ES8288
Description  Low Power Stereo Audio ADC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVEREST [Suzhou Everest Semiconductor Co. Ltd.]
Direct Link  http://www.everest-semi.com/en_index.html
Logo EVEREST - Suzhou Everest Semiconductor Co. Ltd.

ES8288 Datasheet(HTML) 18 Page - Suzhou Everest Semiconductor Co. Ltd.

Back Button ES8288 Datasheet HTML 14Page - Suzhou Everest Semiconductor Co. Ltd. ES8288 Datasheet HTML 15Page - Suzhou Everest Semiconductor Co. Ltd. ES8288 Datasheet HTML 16Page - Suzhou Everest Semiconductor Co. Ltd. ES8288 Datasheet HTML 17Page - Suzhou Everest Semiconductor Co. Ltd. ES8288 Datasheet HTML 18Page - Suzhou Everest Semiconductor Co. Ltd. ES8288 Datasheet HTML 19Page - Suzhou Everest Semiconductor Co. Ltd. ES8288 Datasheet HTML 20Page - Suzhou Everest Semiconductor Co. Ltd. ES8288 Datasheet HTML 21Page - Suzhou Everest Semiconductor Co. Ltd. ES8288 Datasheet HTML 22Page - Suzhou Everest Semiconductor Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
Everest Semiconductor
ES8288
Revision 6.0
November 2016
18
6.2.13 Register 21 – ADC Control 13, Default 0000 0110
6.2.14 Register 22 – ADC Control 14, Default 0000 0000
Bit Name
Bit
Description
NGTH
7:3
Noise gate threshold
00000 – -76.5 dBFS
00001 – -75 dBFS
……
11110 – -31.5 dBFS
11111 – -30 dBFS
NGG
2:1
Noise gate type
x0 – PGA gain held constant
01 – mute ADC output
11 – reserved
NGAT
0
Noise gate function enable
0 – disable
1 – enable
6.2.15 Register 43 – ADC Control 15, Default 0011 1000
Bit Name
Bit
Description
slrck
7
0 – DACLRC and ADCLRC separate (default)
1 – DACLRC and ADCLRC same
lrck_sel
6
Master mode, if slrck = 1 then
0 – use DAC LRCK (default)
1 – use ADC LRCK
adc_dll_pwd
3
0 – normal (default)
1 – ADC DLL power down
Bit Name
Bit
Description
ALCMODE
7
Determines the ALC mode of operation:
0 – ALC mode (Normal Operation)
1 – Limiter mode.
ALCZC
6
ALC uses zero cross detection circuit.
0 – disable (recommended)
1 – enable
TIME_OUT
5
Zero Cross time out
0 – disable (default)
1 – enable
WIN_SIZE
4:0
Windows size for peak detector,set the window size to N*16 samples
00110 – 96 samples (default)
00111 – 102 samples
…..
11111 – 496 samples



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com