Electronic Components Datasheet Search
  English  ▼

X  

ES8288 Datasheet(PDF) 7 Page - Suzhou Everest Semiconductor Co. Ltd.

Part # ES8288
Description  Low Power Stereo Audio ADC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVEREST [Suzhou Everest Semiconductor Co. Ltd.]
Direct Link  http://www.everest-semi.com/en_index.html
Logo EVEREST - Suzhou Everest Semiconductor Co. Ltd.

ES8288 Datasheet(HTML) 7 Page - Suzhou Everest Semiconductor Co. Ltd.

Back Button ES8288 Datasheet HTML 3Page - Suzhou Everest Semiconductor Co. Ltd. ES8288 Datasheet HTML 4Page - Suzhou Everest Semiconductor Co. Ltd. ES8288 Datasheet HTML 5Page - Suzhou Everest Semiconductor Co. Ltd. ES8288 Datasheet HTML 6Page - Suzhou Everest Semiconductor Co. Ltd. ES8288 Datasheet HTML 7Page - Suzhou Everest Semiconductor Co. Ltd. ES8288 Datasheet HTML 8Page - Suzhou Everest Semiconductor Co. Ltd. ES8288 Datasheet HTML 9Page - Suzhou Everest Semiconductor Co. Ltd. ES8288 Datasheet HTML 10Page - Suzhou Everest Semiconductor Co. Ltd. ES8288 Datasheet HTML 11Page - Suzhou Everest Semiconductor Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
Everest Semiconductor
ES8288
Revision 6.0
November 2016
7
Table 2 Master Mode Sampling Frequencies and MCLK/LRCK Ratio
MCLK
CLKDIV2=0
MCLK
CLKDIV2=1
ADC Sample Rate
(ALRCK)
ADCFsRatio
[4:0]
SCLK
Ratio
12.288 MHz
24.576MHz
8 kHz (MCLK/1536)
01010
MCLK/6
8 kHz (MCLK/1536)
01010
MCLK/4
12 kHz (MCLK/1024)
00111
MCLK/4
16 kHz (MCLK/768)
00110
MCLK/6
24 kHz (MCLK/512)
00100
MCLK/4
32 kHz (MCLK/384)
00011
MCLK/6
48 kHz (MCLK/256)
00010
MCLK/4
48 kHz (MCLK/256)
00010
MCLK/4
96 kHz (MCLK/128)
00000
MCLK/2
11.2896 MHz 22.5792MHz 8.0182 kHz (MCLK/1408)
01001
MCLK/4
8.0182 kHz (MCLK/1408)
01001
MCLK/4
11.025 kHz (MCLK/1024)
00111
MCLK/4
22.05 kHz (MCLK/512)
00100
MCLK/4
44.1 kHz (MCLK/256)
00010
MCLK/4
44.1 kHz (MCLK/256)
00010
MCLK/4
88.2 kHz (MCLK/128)
00000
MCLK/2
18.432 MHz
36.864MHz
8 kHz (MCLK/2304)
01100
MCLK/6
8 kHz (MCLK/2304)
01100
MCLK/6
12 kHz (MCLK/1536)
01010
MCLK/6
16 kHz (MCLK/1152)
01000
MCLK/6
24 kHz (MCLK/768)
00110
MCLK/6
32 kHz (MCLK/576)
00101
MCLK/6
48 kHz (MCLK/384)
00011
MCLK/6
48 kHz (MCLK/384)
00011
MCLK/6
96 kHz (MCLK/192)
00001
MCLK/3
16.9344 MHz 33.8688MHz 8.0182 kHz (MCLK/2112)
01011
MCLK/6
8.0182 kHz (MCLK/2112)
01011
MCLK/6
11.025 kHz (MCLK/1536)
01010
MCLK/6
22.05 kHz (MCLK/768)
00110
MCLK/6
44.1 kHz (MCLK/384)
00011
MCLK/6
44.1 kHz (MCLK/384)
00011
MCLK/6
88.2 kHz (MCLK/192)
00001
MCLK/3
12 MHz
24MHz
8 kHz (MCLK/1500)
11011
MCLK
8 kHz (MCLK/1500)
11011
MCLK
8.0214 kHz (MCLK/1496)
11010
MCLK
8.0214 kHz (MCLK/1496)
11010
MCLK
11.0259 kHz (MCLK/1088)
11001
MCLK
12 kHz (MCLK/1000)
11000
MCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com