Electronic Components Datasheet Search
  English  ▼

X  

ES8288 Datasheet(PDF) 19 Page - Suzhou Everest Semiconductor Co. Ltd.

Part # ES8288
Description  Low Power Stereo Audio ADC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVEREST [Suzhou Everest Semiconductor Co. Ltd.]
Direct Link  http://www.everest-semi.com/en_index.html
Logo EVEREST - Suzhou Everest Semiconductor Co. Ltd.

ES8288 Datasheet(HTML) 19 Page - Suzhou Everest Semiconductor Co. Ltd.

Back Button ES8288 Datasheet HTML 15Page - Suzhou Everest Semiconductor Co. Ltd. ES8288 Datasheet HTML 16Page - Suzhou Everest Semiconductor Co. Ltd. ES8288 Datasheet HTML 17Page - Suzhou Everest Semiconductor Co. Ltd. ES8288 Datasheet HTML 18Page - Suzhou Everest Semiconductor Co. Ltd. ES8288 Datasheet HTML 19Page - Suzhou Everest Semiconductor Co. Ltd. ES8288 Datasheet HTML 20Page - Suzhou Everest Semiconductor Co. Ltd. ES8288 Datasheet HTML 21Page - Suzhou Everest Semiconductor Co. Ltd. ES8288 Datasheet HTML 22Page - Suzhou Everest Semiconductor Co. Ltd. ES8288 Datasheet HTML 23Page - Suzhou Everest Semiconductor Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
Everest Semiconductor
ES8288
Revision 6.0
November 2016
19
7
Digital Audio Interface
The device provides four formats of serial audio data interface for the output
from the ADC through LRCK, SCLK and SDOUT pins. The four formats are I
2S,
left justified, right justified and DSP/PCM mode. ADC data is out on ASDOUT
and changes on the falling edge of ASCLK. The relationship of SDATA
(SDOUT), SCLK and LRCK with the three formats is shown through Figure 3
to Figure 7.
n-2 n-1
n
3
2
1
1 SCLK
MSB
LSB
LEFT CHANNEL
n-2 n-1
n
3
2
1
1 SCLK
MSB
LSB
RIGHT CHANNEL
SDATA
SCLK
LRCK
Figure 3 I
2S Serial Audio Data Format Up To 24-bit
n-2 n-1
n
3
2
1
MSB
LSB
LEFT CHANNEL
n-2 n-1
n
3
2
1
MSB
LSB
RIGHT CHANNEL
SDATA
SCLK
LRCK
Figure 4 Left Justified Serial Audio Data Format Up To 24-bit
n-2 n-1
n
3
2
1
MSB
LSB
LEFT CHANNEL
n-2 n-1
n
3
2
1
MSB
LSB
RIGHT CHANNEL
SDATA
SCLK
LRCK
Figure 5 Right Justified Serial Audio Data Format Up To 24-bit
Figure 6 DSP/PCM Mode A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com