Electronic Components Datasheet Search
  English  ▼

X  

ES8288 Datasheet(PDF) 22 Page - Suzhou Everest Semiconductor Co. Ltd.

Part # ES8288
Description  Low Power Stereo Audio ADC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVEREST [Suzhou Everest Semiconductor Co. Ltd.]
Direct Link  http://www.everest-semi.com/en_index.html
Logo EVEREST - Suzhou Everest Semiconductor Co. Ltd.

ES8288 Datasheet(HTML) 22 Page - Suzhou Everest Semiconductor Co. Ltd.

Back Button ES8288 Datasheet HTML 17Page - Suzhou Everest Semiconductor Co. Ltd. ES8288 Datasheet HTML 18Page - Suzhou Everest Semiconductor Co. Ltd. ES8288 Datasheet HTML 19Page - Suzhou Everest Semiconductor Co. Ltd. ES8288 Datasheet HTML 20Page - Suzhou Everest Semiconductor Co. Ltd. ES8288 Datasheet HTML 21Page - Suzhou Everest Semiconductor Co. Ltd. ES8288 Datasheet HTML 22Page - Suzhou Everest Semiconductor Co. Ltd. ES8288 Datasheet HTML 23Page - Suzhou Everest Semiconductor Co. Ltd. ES8288 Datasheet HTML 24Page - Suzhou Everest Semiconductor Co. Ltd. ES8288 Datasheet HTML 25Page - Suzhou Everest Semiconductor Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
Everest Semiconductor
ES8288
Revision 6.0
November 2016
22
8.6
Serial Control Port Switching Specifications
PARAMETER
Symbol
MIN
MAX
UNIT
SPI Mode
SPI_CLK clock frequency
10
MHz
SPI_CLK edge to SPI_CSn falling
TSPICS
5
ns
SPI_CSn High Time Between transmissions
TSPISH
500
ns
SPI_CSn falling to SPI_CLK edge
TSPISC
10
ns
SPI_CLK low time
TSPICL
45
ns
SPI_CLK high time
TSPICH
45
ns
SPI_DIN to SPI_CLK rising setup time
TSPIDS
10
ns
SPI_CLK rising to DATA hold time
TSPIDH
15
ns
2-wire Mode
SCL Clock Frequency
FSCL
100
KHz
Bus Free Time Between Transmissions
TTWID
4.7
us
Start Condition Hold Time
TTWSTH
4.0
us
Clock Low time
TTWCL
4.0
us
Clock High Time
TTWCH
4.0
us
Setup Time for Repeated Start Condition
TTWSTS
4.7
us
SDA Hold Time from SCL Falling
TTWDH
0.1
us
SDA Setup time to SCL Rising
TTWDS
100
ns
Rise Time of SCL
TTWR
25
us
Fall Time SCL
TTWF
25
ns
Figure 8 Serial Audio Port Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com