Electronic Components Datasheet Search
  English  ▼

X  

ES8288 Datasheet(PDF) 20 Page - Suzhou Everest Semiconductor Co. Ltd.

Part # ES8288
Description  Low Power Stereo Audio ADC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVEREST [Suzhou Everest Semiconductor Co. Ltd.]
Direct Link  http://www.everest-semi.com/en_index.html
Logo EVEREST - Suzhou Everest Semiconductor Co. Ltd.

ES8288 Datasheet(HTML) 20 Page - Suzhou Everest Semiconductor Co. Ltd.

Back Button ES8288 Datasheet HTML 16Page - Suzhou Everest Semiconductor Co. Ltd. ES8288 Datasheet HTML 17Page - Suzhou Everest Semiconductor Co. Ltd. ES8288 Datasheet HTML 18Page - Suzhou Everest Semiconductor Co. Ltd. ES8288 Datasheet HTML 19Page - Suzhou Everest Semiconductor Co. Ltd. ES8288 Datasheet HTML 20Page - Suzhou Everest Semiconductor Co. Ltd. ES8288 Datasheet HTML 21Page - Suzhou Everest Semiconductor Co. Ltd. ES8288 Datasheet HTML 22Page - Suzhou Everest Semiconductor Co. Ltd. ES8288 Datasheet HTML 23Page - Suzhou Everest Semiconductor Co. Ltd. ES8288 Datasheet HTML 24Page - Suzhou Everest Semiconductor Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
Everest Semiconductor
ES8288
Revision 6.0
November 2016
20
Figure 7 DSP/PCM Mode B
8
ELECTRICAL CHARACTERISTICS
8.1
Absolute Maximum Ratings
Continuous operation at or beyond these conditions may permanently damage
the device.
PARAMETER
MIN
MAX
Analog Supply Voltage Level
-0.3V
+5.0V
Digital Supply Voltage Level
-0.3V
+5.0V
Input Voltage range
DGND-0.3V
DVDD+0.3V
Operating Temperature Range
-40
°C
+85
°C
Storage Temperature
-65
°C
+150
°C
8.2
Recommended Operating Conditions
PARAMETER
MIN
TYP
MAX
UNIT
Analog Supply Voltage Level
1.7
3.3
3.6
V
Digital Supply Voltage Level
1.5
1.8
3.6
V
8.3
ADC Analog and Filter Characteristics and Specifications
Test conditions are as the following unless otherwise specify:
AVDD=+3.3V, DVDD=+1.8V, AGND=0V, DGND=0V, Ambient
temperature=+25
°C, Fs=48 KHz, 96 KHz or 192 KHz, MCLK/LRCK=256.
PARAMETER
MIN
TYP
MAX
UNIT
ADC Performance
Dynamic Range (Note 1)
85
95
98
dB
THD+N
-88
-85
-75
dB
Channel Separation (1KHz)
80
85
90
dB
Signal to Noise ratio
85
95
98
dB
Interchannel Gain Mismatch
0.1
dB
Gain Error
±5
%
Filter Frequency Response – Single Speed
Passband
0
0.4535
Fs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com