Electronic Components Datasheet Search
  English  ▼

X  

ES8288 Datasheet(PDF) 14 Page - Suzhou Everest Semiconductor Co. Ltd.

Part # ES8288
Description  Low Power Stereo Audio ADC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVEREST [Suzhou Everest Semiconductor Co. Ltd.]
Direct Link  http://www.everest-semi.com/en_index.html
Logo EVEREST - Suzhou Everest Semiconductor Co. Ltd.

ES8288 Datasheet(HTML) 14 Page - Suzhou Everest Semiconductor Co. Ltd.

Back Button ES8288 Datasheet HTML 10Page - Suzhou Everest Semiconductor Co. Ltd. ES8288 Datasheet HTML 11Page - Suzhou Everest Semiconductor Co. Ltd. ES8288 Datasheet HTML 12Page - Suzhou Everest Semiconductor Co. Ltd. ES8288 Datasheet HTML 13Page - Suzhou Everest Semiconductor Co. Ltd. ES8288 Datasheet HTML 14Page - Suzhou Everest Semiconductor Co. Ltd. ES8288 Datasheet HTML 15Page - Suzhou Everest Semiconductor Co. Ltd. ES8288 Datasheet HTML 16Page - Suzhou Everest Semiconductor Co. Ltd. ES8288 Datasheet HTML 17Page - Suzhou Everest Semiconductor Co. Ltd. ES8288 Datasheet HTML 18Page - Suzhou Everest Semiconductor Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
Everest Semiconductor
ES8288
Revision 6.0
November 2016
14
11 – L-R differential (either LINPUT1-RINPUT1 or LINPUT2-RINPUT2, selected by DS)
RINSEL
5:4
Right channel input select
00 – RINPUT1 (default)
01 – RINPUT2
10 – RINPUT3
11 – L-R differential (either LINPUT1-RINPUT1 or LINPUT2-RINPUT2, selected by DS)
6.2.3
Register 11 – ADC Control 3, Default 0000 0110
Bit Name
Bit
Description
DS
7
Differential input select
0 – LINPUT1-RINPUT1 (default)
1 – LINPUT2-RINPUT2
MONOMIX
4:3
00 – stereo (default)
01 – analog mono mix to left ADC
10 – analog mono mix to right ADC
11 – reserved
TRI
2
0 – ASDOUT is ADC normal output (default)
1 – ASDOUT tri-stated, ALRCK, DLRCK and SCLK are inputs
OC[1:0]
1:0
00 – over current setting (default)
6.2.4
Register 12 – ADC Control 4, Default 0000 0000
Bit Name
Bit
Description
DATSEL
7:6
00 – left data = left ADC, right data = right ADC
01 – left data = left ADC, right data = left ADC
10 – left data = right ADC, right data = right ADC
11 – left data = right ADC, right data = left ADC
ADCLRP
5
I2S, left justified or right justified mode:
0 – left and right normal polarity
1 – left and right inverted polarity
DSP/PCM mode:
0 – MSB is available on 2nd BCLK rising edge after ALRCK rising edge
1 – MSB is available on 1st BCLK rising edge after ALRCK rising edge
ADCWL
4:2
000 – 24-bit serial audio data word length
001 – 20-bit serial audio data word length
010 – 18-bit serial audio data word length
011 – 16-bit serial audio data word length
100 – 32-bit serial audio data word length
ADCFORMAT
1:0
00 – I2S serial audio data format
01 – left justify serial audio data format
10 – right justify serial audio data format
11 – DSP/PCM mode serial audio data format
6.2.5
Register 13 – ADC Control 5, Default 0000 0110
Bit Name
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com