Electronic Components Datasheet Search
  English  ▼

X  

RF63W Datasheet(PDF) 88 Page - HOPE Microelectronics CO., Ltd.

Part # RF63W
Description  Ultra-Low Power Integrated UHF Transceiver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RF63W Datasheet(HTML) 88 Page - HOPE Microelectronics CO., Ltd.

Back Button RF63W Datasheet HTML 83Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 84Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 85Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 86Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 87Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 88Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 89Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 90Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 91Page - HOPE Microelectronics CO., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 88 / 91 page
background image
ADVANCED COMMUNICATIONS & SENSING
Page 88 of 91
RF63
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
7.6.13. Digital Modulation Schemes
FCC Part 15.247 allows for systems employing digital modulation techniques to transmit up to 1 W , provided that
the 6 dB bandwidth of the signal is at least 500 kHz and that the power spectral density does not exceed 8dBm in
any 3 kHz bandwidth.
The RF63 can actually meet these constraints whilst transmitting at the maximum output power of the device of
typ. 10dBm, thanks to the built-in whitening process described in section 5.5.6.2:
Figure 85: DTS 6dB Bandwidth
Conditions:
•
Pout = +10.6dBm
•
Fdev = +/-200kHz
Figure 86: DTS Power Spectral Density
•
BR=100 kbps (Chip rate=100kCps, as data whitening is enabled)
•
Packet mode, data whitening enabled
Note: Manchester encoding allows meeting an even lower power spectral density, at the expense of the bit rate
efficiency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com