Electronic Components Datasheet Search
  English  ▼

X  

RF63W Datasheet(PDF) 43 Page - HOPE Microelectronics CO., Ltd.

Part # RF63W
Description  Ultra-Low Power Integrated UHF Transceiver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RF63W Datasheet(HTML) 43 Page - HOPE Microelectronics CO., Ltd.

Back Button RF63W Datasheet HTML 39Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 40Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 41Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 42Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 43Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 44Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 45Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 46Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 47Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 91 page
background image
ADVANCED COMMUNICATIONS & SENSING
Page 43 of 91
RF63
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
uC
5.3.5. uC Connections
RF63
DATA
IRQ_0
IRQ_1 (DCLK)
NSS_CONFIG
SCK
MOSI
MISO
Figure 37: uC Connections in Continuous Mode
Note that some connections may not be needed depending on the application:
•
IRQ_0: if Sync and RSSI interrupts are not used. In this case, leave floating.
•
IRQ_1: if the chip is never used in Tx FSK mode (DCLK connection is not compulsory in Rx and Tx OOK
modes). In this case, leave floating.
•
MISO: if no read register access is needed. In this case, pull-up to VDD through a 100 k
Ω resistor.
In addition, NSS_DATA pin (unused in continuous mode) should be pulled-up to VDD through a 100 k
Ω resistor.
Please refer to Table 13 for RF63
‟s pins configuration
5.3.6. Continuous Mode Example
•
Configure all data processing related registers listed below appropriately. In this example we assume that both
Bit synchronizer and Sync word recognition are on.
Table 19: Relevant Configuration Registers in Continuous Mode (data processing related only)
Tx
Rx
Description
MCParam
Data_mode_x
X
X
Defines data operation mode (- Continuous)
IRQParam
Rx_stby_irq_0
X
Defines IRQ_0 source in Rx mode
RXParam
Sync_on
X
Enables Sync word recognition
Sync_size
X
Defines Sync word size
Sync_tol
X
Defines the error tolerance on Sync word recognition
SYNCParam
Sync_value
X
Defines Sync word value
Tx Mode:
•
Go to Tx mode (and wait for Tx to be ready, see Figure 50)
•
Send all packet
‟s bits on DATA pin synchronously with DCLK signal provided on IRQ_1
•
Go to Sleep mode
Rx Mode:
•
Program Rx interrupts: IRQ_0 mapped to Sync (Rx_stby_irq_0=
”00”) and IRQ_1 mapped to DCLK (Bit
synchronizer enabled)
•
Go to Rx mode (note that Rx is not ready immediately, see Figure 49)
•
Wait for Sync interrupt
•
Get all packet bits on DATA pin synchronously with DCLK signal provided on IRQ_1
•
Go to Sleep mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com