Electronic Components Datasheet Search
  English  ▼

X  

RF63W Datasheet(PDF) 30 Page - HOPE Microelectronics CO., Ltd.

Part # RF63W
Description  Ultra-Low Power Integrated UHF Transceiver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RF63W Datasheet(HTML) 30 Page - HOPE Microelectronics CO., Ltd.

Back Button RF63W Datasheet HTML 26Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 27Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 28Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 29Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 30Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 31Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 32Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 33Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 34Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 91 page
background image
ADVANCED COMMUNICATIONS & SENSING
Page 30 of 91
RF63
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
Set RF63 in OOK Rx mode Adjust Bit
Rate, Channel filter BW Default
RXParam_OOK_thresh setting No
input signal
Continuous Mode
Monitor DATA pin (pin 20)
Increment
MCParam_OOK_floor_thres
Glitch activity
on DATA ?
Optimization complete
Figure 23: Floor Threshold Optimization
The new floor threshold value found during this test should be the value used for OOK reception with those receiver
settings.
Note that if the output signal on DATA is logic
“1”, the value of MCParam_OOK_floor_thres is below the noise floor
of the receiver chain. Conversely, if the output signal on DATA is logic
“1”, the value of MAParam_floor_thres is
several dB above the noise floor.
3.4.10.2. Optimizing OOK Demodulator Response for Fast Fading Signals
A sudden drop in signal strength can cause the bit error rate to increase. For applications where the expected
signal drop can be estimated the following OOK demodulator parameters RXParam_OOK_thresh_step and
RXParam_OOK_thresh_dec_period can be optimized as described below for a given number of threshold
decrements per bit RXParam_OOK_thresh_dec_period:
•
000 - once in each chip period (d)
•
001 - once in 2 chip periods
•
010 - once in 4 chip periods
•
011 - once in 8 chip periods
•
100 - twice in each chip period
•
101 - 4 times in each chip period
•
110 - 8 times in each chip period
•
111 - 16 times in each chip period
For each decrement of RXParam_OOK_thresh_step:
•
000 - 0.5 dB (d)
•
001 - 1.0 dB
•
010 - 1.5 dB
•
011 - 2.0 dB
•
100 - 3.0 dB
•
101 - 4.0 dB
•
110 - 5.0 dB
•
111 - 6.0 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com