Electronic Components Datasheet Search
  English  ▼

X  

RF63W Datasheet(PDF) 1 Page - HOPE Microelectronics CO., Ltd.

Part # RF63W
Description  Ultra-Low Power Integrated UHF Transceiver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RF63W Datasheet(HTML) 1 Page - HOPE Microelectronics CO., Ltd.

  RF63W Datasheet HTML 1Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 2Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 3Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 4Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 5Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 6Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 7Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 8Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 9Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 91 page
background image
RF63
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
ADVANCED COMMUNICATIONS & SENSING
General Description
The RF63 is a low cost single-chip transceiver
operating in the frequency ranges from 863-870, 902-
928 MHz and 950-960 MHz. The RF63 is optimized for
very low power consumption (3mA in receiver mode).
It incorporates a baseband modem with data rates up
to 200 kb/s. Data handling features include a sixty-four
byte FIFO, packet handling, automatic CRC generation
and data whitening. Its highly integrated
architecture allows for minimum external component
count whilst maintaining design flexibility. All major RF
communication parameters are programmable and
most of them may be dynamically set. It complies with
European (ETSI EN 300-220 V2.1.1) and North
American (FCC part 15.247 and 15.249) regulatory
standards.
Ordering Information
Table 1: Ordering Information
•
TQFN-32 package
— Operating range [-40;+85°C]
•
T refers to Lead Free packaging
•
This device is WEEE and RoHS compliant
Application Circuit Schematic
Features
•
Low Rx power consumption: 3mA
•
Low Tx power consumption: 25 mA @ +10 dBm
•
Good reception sensitivity: down to -107 dBm at
25 kb/s in FSK, -113 dBm at 2kb/s in OOK
•
Programmable RF output power: up to +12.5 dBm
in 8 steps
•
Packet handling feature with data whitening and
automatic CRC generation
•
Wide RSSI (Received Signal Strength Indicator)
dynamic range, 70dB from Rx noise floor
•
Bit rates up to 200 kb/s, NRZ coding
•
On-chip frequency synthesizer
•
FSK and OOK modulation
•
Incoming sync word recognition
•
Built-in Bit-Synchronizer for incoming data and
clock synchronization and recovery
•
5 x 5 mm TQFN package
•
Optimized
Circuit
Configuration
for
Low-cost
applications
Applications
•
Wireless alarm and security systems
•
Wireless sensor networks
•
Automated Meter Reading
•
Home and building automation
•
Industrial monitoring and control
•
Remote Wireless Control
Ultra-Low Power Integrated UHF Transceiver
Page 1 of 91


Similar Part No. - RF63W

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RF63 ETC2-RF63 Datasheet
3Mb / 91P
Ultra-Low Power Integrated UHF Transceiver
More results

Similar Description - RF63W

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XE1202 ETC-XE1202 Datasheet
451Kb / 26P
Low-power, integrated UHF transceiver
XE1203 ETC1-XE1203 Datasheet
367Kb / 37P
Low-Power, integrated UHF transceiver
logo
Semtech Corporation
SX1210 SEMTECH-SX1210 Datasheet
1Mb / 73P
Ultra-Low Power Integrated UHF Receiver
SX1211 SEMTECH-SX1211_08 Datasheet
1Mb / 92P
Ultra-Low Power Integrated UHF Transceiver
SX1213 SEMTECH-SX1213 Datasheet
1Mb / 65P
Ultra-Low Power Integrated UHF Receiver
SX1231 SEMTECH-SX1231 Datasheet
895Kb / 78P
Low Power Integrated UHF Transceiver
SX1231 SEMTECH-SX1231_10 Datasheet
1,017Kb / 81P
Transceiver Low Power Integrated UHF Transceiver
logo
List of Unclassifed Man...
RF63 ETC2-RF63 Datasheet
3Mb / 91P
Ultra-Low Power Integrated UHF Transceiver
logo
Semtech Corporation
SX1208IMLTRT SEMTECH-SX1208IMLTRT Datasheet
1Mb / 86P
Low Power Integrated UHF Transceiver
SX1208 SEMTECH-SX1208 Datasheet
1Mb / 86P
SX1208 Transceiver Low Power Integrated UHF Transceiver
Rev. 2 - April 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com